Electronic Components Datasheet Search
  English  ▼

X  

IMX70 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # IMX70
Description  70 to 90 Watt DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX70 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  IMX70 Datasheet HTML 1Page - Bel Fuse Inc. IMX70 Datasheet HTML 2Page - Bel Fuse Inc. IMX70 Datasheet HTML 3Page - Bel Fuse Inc. IMX70 Datasheet HTML 4Page - Bel Fuse Inc. IMX70 Datasheet HTML 5Page - Bel Fuse Inc. IMX70 Datasheet HTML 6Page - Bel Fuse Inc. IMX70 Datasheet HTML 7Page - Bel Fuse Inc. IMX70 Datasheet HTML 8Page - Bel Fuse Inc. IMX70 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00002 Rev AJ, 28-May-2018
Page 4 of 17
IMX70 / IMY70 Series
70 to 90 Watt DC-DC Converters
© 2018 Bel Power Solutions & Protection
Electrical Input Data
General conditions:
- T
A = 25 °C, shutdown and R pin left open-circuit, unless specified.
Table 2: Input data
Model
24IMX70
110IMY70
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
V
i
Operating input voltage
T
A min to TA max, Io = 0 – Io nom
15 1
33.6
50
137.5
VDC
V
i nom
Nominal input voltage
24
(72, 96), 110
V
i 2s
Temporary input voltage
For 2 s, no shutdown
12 1
40.1
43.2 1
154
V
i sur
Repetitive surge voltage
Shutdown, no damage
50
168
t
start-up
Converter
start-up time
Switch on
Worst case condition at
V
i min and full load
500
250
500
ms
SD high
500
500
t
rise
Rise time
V
i = 0 → Vi nom, Io nom
25
25
I
i o
No-load input current
I
o = 0, Vi min – Vi max
200
25
50
mA
I
irr
Reflected ripple current
I
o = 0 – Io nom
30
200
mA
pp
I
inr p
Inrush peak current
V
i = Vi max
25
35
A
C
i
Input capacitance
For surge calculation
24
7.7
µF
V
SD
Shutdown voltage
Converter disabled
– 0.7 to +0.7
– 0.7 to +0.7
V
Converter operating
2 to 20 (or open-circuit)
2 to 20 (or open-circuit)
I
SD
Shutdown pin current
– 0.2
– 0.2
mA
I
i SD
Input current at shutdown
V
i min – Vi max
2
2
f
s
Switching frequency
V
i min – Vi max, Io = 0 – Io nom
200 2
210 2
200 2
210 2
kHz
1
V
i min will not be as stated, if Vo is increased above Vo nom by use of R-input. If the output voltage is set to a higher value, Vi min will be
proportionately increased.
2
Typ. 240 kHz for single-output models, typ. 300 kHz for models with 5 V output
Inrush Current
The inrush current has been kept as low as possible by choosing a very small input capacitance. A series resistor may be installed
in the input line, in order to further reduce this current.
t
JM028
0
20
40
60 µs
40
30
20
10
A
Vo nom
Vo
tstartup
trise
t
04008b
Fig. 3
Inrush current at V
i nom, Po nom versus time (110IMY70-24-24-8).
Source impedance according to ETS 300132-2: L = 10 μH,
R = 1.5 Ω.
Fig. 4
Converter start-up and rise time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com