Electronic Components Datasheet Search
  English  ▼

X  

IMX70 Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # IMX70
Description  70 to 90 Watt DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX70 Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button IMX70 Datasheet HTML 9Page - Bel Fuse Inc. IMX70 Datasheet HTML 10Page - Bel Fuse Inc. IMX70 Datasheet HTML 11Page - Bel Fuse Inc. IMX70 Datasheet HTML 12Page - Bel Fuse Inc. IMX70 Datasheet HTML 13Page - Bel Fuse Inc. IMX70 Datasheet HTML 14Page - Bel Fuse Inc. IMX70 Datasheet HTML 15Page - Bel Fuse Inc. IMX70 Datasheet HTML 16Page - Bel Fuse Inc. IMX70 Datasheet HTML 17Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00002 Rev AJ, 28-May-2018
Page 13 of 17
IMX70 / IMY70 Series
70 to 90 Watt DC-DC Converters
© 2018 Bel Power Solutions & Protection
Immunity to Environmental Conditions
Table 11: Mechanical and climatic stress
Test method
Standard
Test Conditions
Status
Cab Damp heat
steady state
IEC/EN 60068-2-78
MIL-STD-810D section 507.2
Temperature:
40 ±2 °C
Converter
not operating
Relative humidity:
93 +2/-3 %
Duration:
56 days
Db
Damp heat test,
cyclic
EN 50155:2007, clause 12.2.5
IEC/EN 60068-2-30
Temperature:
55 °C and 25 °C
Converter
not operating
Cycles (respiration effect):
2
Duration:
2 x 24 h
Bd
Dry heat test
steady state
EN 50155:2007, clause 12.2.4
IEC/EN 60068-2-2
Temperature:
70 °C
Converter
operating
Duration:
6 h
Ad
Cooling test
steady state
EN 50155:2007, clause 12.2.3
IEC/EN 60068-2-1
Temperature, duration:
-40 °C, 2 h
Converter
not operating
Performance test:
+25 °C
Ka
Salt mist test
sodium chloride
(NaCl) solution 2
EN 50155:2007, clause 12.2.10
IEC/EN 60068-2-11
class ST2
Temperature:
35 ±2 °C
Converter
not operating
Duration:
16 h
Fc
Vibration
(sinusoidal)
IEC/EN 60068-2-6
MIL-STD-810D section 514.3
Acceleration amplitude:
0.35 mm (10 – 60 Hz)
5 g
n = 49 m/s
2
(60 - 2000 Hz) Converter
operating
Frequency (1 Oct/min):
10 – 2000 Hz
Test duration:
7.5 h (2.5 h in each axis)
Fh
Random vibration
broad band (digital
control) & guidance
IEC/EN 60068-2-64
Acceleration spectral density: 0.05 g
n
2
/Hz
Converter
operating
Frequency band:
8 – 500 Hz
Acceleration magnitude:
4.9 g
n rms
Test duration:
1.5 h (5 h in each axis)
Ea
Shock
(half-sinusoidal)
IEC/EN 60068-2-27
MIL-STD-810D section 516.3
Acceleration amplitude:
50 g
n = 490 m/s
2
Converter
operating
Bump duration:
11 ms
Number of bumps:
18 (3 in each direction)
---
Shock
EN 50155:2007, clause 12.2.11
EN 61373 sect. 10
class B, body mounted 1
Acceleration amplitude:
5.1 g
n
Converter
operating
Bump duration:
30 ms
Number of bumps:
18 (3 in each direction)
---
Simulated long life
testing at increased
random vibration
levels
EN 50155:2007, clause 12.2.11
EN 61373 sect. 8 and 9
class B, body mounted 1
Acceleration spectral density: 0.02 g
n
2
/Hz
Converter
operating
Frequency band:
5 – 150 Hz
Acceleration magnitude:
0.8 g
n rms
Test duration:
15 h (5 h in each axis)
1
Body mounted = chassis of a railway coach
2
Models with option Z have been covered by lacquer (AVR80 or Peters SL1301) in order to simulate the end-use situation.
Temperatures
Table 8: Temperature specifications, valid for an air pressure of 800 – 1200 hPa (800 – 1200 mbar)
Model
-0
Unit
Characteristics
Conditions
min
typ
max
T
A
Ambient temperature
In operation 1
- 40
100 1
°C
T
C
Case temperature (without opt. Z) 2
- 40
105 2
T
C Z
Component temperature with opt. Z 2
- 40
115 2
T
S
Storage temperature
Not operational
- 55
85
1
See Thermal Considerations
2
Temperature measurement point; see Mechanical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com