Electronic Components Datasheet Search
  English  ▼

X  

DA14AVDDECT Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # DA14AVDDECT
Description  The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14AVDDECT Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button DA14AVDDECT Datasheet HTML 7Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 8Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 9Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 10Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 11Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 12Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 13Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 14Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DA14AVDDECT SF01
DA14AVDDECT SF01 Datasheet
Datasheet
Revision 2.1
02-Jun-2020
CFR0011-120-00
11 of 25
© 2020 Dialog Semiconductor
Pin No.
Pin Name
Type
(Table 2)
Drive
(mA)
Reset
State
Description
A1, A2, A3,
A4, A5, A6,
A7, A8, A9,
A10, A11,
B2, B3, B4,
B5, B6, B7,
B8, B9, B10,
C1, C2, C3,
C4, C5, C6,
C7, C8, C9,
C10, D2,
D3, D4, D5,
D6, D7, D8,
D9, D11, E1,
E2, E3, E4,
E5, E6, E7,
F1, F2, F3,
F4, F5, F6,
F7, G1, G2,
G3, G4, G5,
G7, H1, H3,
J1, J3, J4,
L3, M2, N5,
N9, N11
GND
GND
Analog and digital ground.
They are connected together on a solid
ground plane.
G9, H7, J6,
M4, M10,
N10
NC
NC
Not connected. No package ball/pin
available on the package.
H2, J2, L4
Keep out
NC
Not connected, but package balls/pins
are available: implement keep-out on
application PCBs to ensure balls/pins are
not connected to anything or close to any
noise signals.
Table 2: Pin Type Definition
Pin Type
Description
Pin Type
Description
DI
Digital input
AI
Analog input
DO
Digital output
AO
Analog output
DIO
Digital input/output
AIO
Analog input/output
DIOD
Digital input/output open drain
BP
Back drive protection
PU
Pull-up resistor (fixed)
SPU
Switchable pull-up resistor
PD
Pull-down resistor (fixed)
SPD
Switchable pull-down resistor
PWR
Power
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com