Electronic Components Datasheet Search
  English  ▼

X  

DA14AVDDECT Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # DA14AVDDECT
Description  The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14AVDDECT Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button DA14AVDDECT Datasheet HTML 17Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 18Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 19Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 20Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 21Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 22Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 23Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 24Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 25Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
DA14AVDDECT SF01
DA14AVDDECT SF01 Datasheet
Datasheet
Revision 2.1
02-Jun-2020
CFR0011-120-00
22 of 25
© 2020 Dialog Semiconductor
5.1
Audio Connections
Analog microphones can be connected as shown in Figure 7.
Figure 7: Connection of Analog Microphones
The bias resistor value shall be selected depending on the microphone requirements and
MICBIAS1/2 must be decoupled with 1 µF capacitors.
Alternatively, up to four digital microphones can be supported by reusing the MIC1_P and MIC2_P
pins as clock outputs and the MIC1_N and MIC2_N pins as digital data inputs. The IO voltage level
of DMIC1 is set by the voltage present on MICBIAS1 and the IO voltage level of DMIC2 is set by the
voltage present on MICBIAS2. The voltage present on MICBIAS1/MICBIAS2 can be either an output
of the MICBIAS LDO or the IO voltage of the DMIC that is connected as an input on the appropriate
MICBIAS pin for a minimum power consumption. The configuration of MICBIAS is through software
and thus is not detailed further in this document.
The DA14AVDDECT module can support headphone detection. Document UM-D-012 [7] explains
how to control this feature in the software. Please contact your Dialog representative for further
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com