Electronic Components Datasheet Search
  English  ▼

X  

DA14AVDDECT Datasheet(PDF) 23 Page - Dialog Semiconductor

Part # DA14AVDDECT
Description  The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14AVDDECT Datasheet(HTML) 23 Page - Dialog Semiconductor

Back Button DA14AVDDECT Datasheet HTML 17Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 18Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 19Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 20Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 21Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 22Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 23Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 24Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 25Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
DA14AVDDECT SF01
DA14AVDDECT SF01 Datasheet
Datasheet
Revision 2.1
02-Jun-2020
CFR0011-120-00
23 of 25
© 2020 Dialog Semiconductor
6
Layout Guidelines
The module pinout of DA14AVDDECT has been specifically designed to accommodate easy
integration with the PCBs of customer applications without having to adding expensive PCB
components to increase the cost due to, for example, blind vias or small line/space dimensions.
All standard practice layout rules and guidelines apply. Additional special care may be paid to the
antenna and USB areas:
● The application PCB may not extend underneath the antenna area (see Figure 8)
● Signals from the application PCB containing high harmonic content (for example, clock signals or
memory buses) must be kept away from the antenna
● No metal objects should be placed in the vicinity of the antenna (see Figure 8)
● The USB data lines should be routed with 90 Ω differential impedance lines and the line lengths
must match
● Appropriate trace width and number of vias should be used for all power supply paths
● A common ground plane should be used to allow proper electrical and thermal performances
● Noise-sensitive analog signals, such as feedback lines or clock connections, should be kept
away from the traces carrying pulsed analog or digital signals. This can be achieved by
separation (distance) or by shielding the sensitive signals with quiet signals or ground traces
● Decoupling capacitors should be X5R ceramics and should be placed as near to the module as
possible
Figure 8: Keep-out Areas
It is also advised to use the HW layout of the DA14AVDDECT evaluation kit as a guideline for
customer products. This HW was used during the certification process and should be regarded as a
reference.
Please see reference document [4] for more information on the Limited Modular Approval certification
and how it can be used, so that no new radio certification needs to be obtained for the end customer
products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com