Electronic Components Datasheet Search
  English  ▼

X  

DA14AVDDECT Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # DA14AVDDECT
Description  The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14AVDDECT Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button DA14AVDDECT Datasheet HTML 16Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 17Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 18Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 19Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 20Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 21Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 22Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 23Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
DA14AVDDECT SF01
DA14AVDDECT SF01 Datasheet
Datasheet
Revision 2.1
02-Jun-2020
CFR0011-120-00
20 of 25
© 2020 Dialog Semiconductor
4
Ordering Information
The ordering number consists of the part number followed by a suffix indicating the packing method.
For details and availability, please consult Dialog S
emiconductor’s customer support portal or your
Dialog Semiconductor local sales representative.
Table 12: Ordering Information
Part Number
Package
Size Module(mm)
Shipment Form
DA14AVDDECT SF01
PCB Module
17.0 mm × 26.65 mm
Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com