Electronic Components Datasheet Search
  English  ▼

X  

DA14AVDDECT Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # DA14AVDDECT
Description  The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14AVDDECT Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button DA14AVDDECT Datasheet HTML 8Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 9Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 10Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 11Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 12Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 13Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 14Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 15Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
DA14AVDDECT SF01
DA14AVDDECT SF01 Datasheet
Datasheet
Revision 2.1
02-Jun-2020
CFR0011-120-00
12 of 25
© 2020 Dialog Semiconductor
1
Characteristics
1.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to
the device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Table 3: Absolute Maximum Ratings
Parameter
Description
Conditions
Min
Max
Unit
VESD
Maximum ESD voltage
HBM
2
kV
VBAT
Battery voltage
4.6
V
VBUS
BUS voltage
6.5
V
1.2
Recommended Operating Conditions
Table 4: Recommended Operating Conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
VBAT
Battery supply voltage
Limited by the supply
voltage requirements of the
SKY77762 power amplifier
module from SYKWORKS
1.9
4.2
V
VBUS
USB voltage
4.2
5.75
V
+VRF_PA_1
Bias supply SKY77762
< 10 mA current draw
3.0
4.2
V
+VRF_PA_2
Power supply SKY77762
Up to ~350 mA current
draw
1.9
3.3
3.6
V
TA
Ambient operating
temperature range
-20
+60
C
VSUPPLY
Output voltage of
DA14495
1.9
3.45
3.6
V
VDCDC
Output voltage of the
DA14495 DCDC
converter.
When the DCDC is
disabled, the same pin
can be connected to an
external supply,
overriding the internal
DCDC converter
1.4
1.89
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com