Electronic Components Datasheet Search
  English  ▼

X  

MPC7445 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7445 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MPC7445 Datasheet HTML 19Page - NXP Semiconductors MPC7445 Datasheet HTML 20Page - NXP Semiconductors MPC7445 Datasheet HTML 21Page - NXP Semiconductors MPC7445 Datasheet HTML 22Page - NXP Semiconductors MPC7445 Datasheet HTML 23Page - NXP Semiconductors MPC7445 Datasheet HTML 24Page - NXP Semiconductors MPC7445 Datasheet HTML 25Page - NXP Semiconductors MPC7445 Datasheet HTML 26Page - NXP Semiconductors MPC7445 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
23
Pinout Listings
7
Pinout Listings
Table 12 provides the pinout listing for the MPC7447A, 360 HCTE package. The pinouts of the
MPC7447A and MPC7447 are pin compatible, but there have been some changes. An MPC7447A may
be populated on a board designed for a MPC7447 provided all pins defined as ‘no connect’ for the
MPC7447 are unterminated as required by the MPC7457 RISC Microprocessor Hardware Specifications.
The MPC7447A uses pins previously marked ‘no connect’ for the temperature diode pins and for
additional power and ground connections. Because these ‘no connect’ pins in the MPC7447 360 pin
package are not driven in functional mode, an MPC7447 can be populated in an MPC7447A board. See
Section 9.4, “Connection Recommendations,” for additional information.
NOTE
Caution must be exercised when performing boundary scan test operations
on a board designed for an MPC7447A but populated with an MPC7447.
This is because in the MPC7447 it is possible to drive the latches associated
with the former ‘no connect’ pins in the MPC7447, potentially causing
contention on those pins. To prevent this, ensure that these pins are not
connected on the board or, if they are connected, ensure that the states of
internal MPC7447 latches do not cause these pins to be driven during board
testing.
NOTE
This pinout is not compatible with the MPC750, MPC7400, or MPC7410
360 BGA and LGA package.
Table 12. Pinout Listing for the MPC7447A, 360 HCTE Package
Signal Name
Pin Number
Active
I/O
I/F Select1
Notes
A[0:35]
E11, H1, C11, G3, F10, L2, D11, D1, C10, G2, D12,
L3, G4, T2, F4, V1, J4, R2, K5, W2, J2, K4, N4, J3, M5,
P5, N3, T1, V2, U1, N5, W1, B12, C4, G10, B11
High
I/O
BVSEL
2
AACK
R1
Low
Input
BVSEL
AP[0:4]
C1, E3, H6, F5, G7
High
I/O
BVSEL
2
ARTRY
N2
Low
I/O
BVSEL
3
AVDD
A8
—
Input
N/A
BG
M1
Low
Input
BVSEL
BMODE0
G9
Low
Input
BVSEL
4
BMODE1
F8
Low
Input
BVSEL
5
BR
D2
Low
Output
BVSEL
BVSEL
B7
High
Input
BVSEL
1, 6
CI
J1
Low
Output
BVSEL
CKSTP_IN
A3
Low
Input
BVSEL
CKSTP_OUT
B1
Low
Output
BVSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com