Electronic Components Datasheet Search
  English  ▼

X  

ICS1527 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS1527
Description  Video Clock Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1527 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS1527 Datasheet HTML 1Page - Integrated Circuit Systems ICS1527 Datasheet HTML 2Page - Integrated Circuit Systems ICS1527 Datasheet HTML 3Page - Integrated Circuit Systems ICS1527 Datasheet HTML 4Page - Integrated Circuit Systems ICS1527 Datasheet HTML 5Page - Integrated Circuit Systems ICS1527 Datasheet HTML 6Page - Integrated Circuit Systems ICS1527 Datasheet HTML 7Page - Integrated Circuit Systems ICS1527 Datasheet HTML 8Page - Integrated Circuit Systems ICS1527 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MDS 1527 G
2
Revision 110905
Integrated Circuit Systems, 525 Race Street, San Jose, CA 95126, tel (408) 297-1201
www.icst.com
Section 1 Overview
ICS1527 Data Sheet
Section 1 Overview
The ICS1527 is a user-programmable,
high-performance general purpose clock generator. It
is intended for graphics system line-locked and
genlocked applications, and provides the clock signals
required by high-performance analog-to-digital
converters.
The ICS1527 has the ability to operate in line-locked
mode with the HSYNC input.
1.1 Phase-Locked Loop
The phase-locked loop has a very wide input frequency
range (8 kHz to 100 MHz). Not only is the ICS1527 an
excellent, general purpose clock synthesizer, but it is
also capable of line-locked operation. Refer to the
block diagram below.
The heart of the ICS1527 is a voltage controlled
oscillator (VCO). The VCO speed is controlled by the
voltage on the loop filter. This voltage will be described
later in this section.
The VCO’s clock output is first passed through the
VCO Divider (VCOD). The VCOD allows the VCO to
operate at higher speeds than the required output
clock.
NOTE: Under normal, locked operation the VCOD has
no effect on the speed of the output clocks, just the
VCO frequency.
The output of the VCOD is the full speed output
frequency seen on the CLK. This clock is then sent
through the 12-bit internal Feedback Divider (FD). The
feedback divider controls how many clocks are seen
during every cycle of the input reference.
The Phase Frequency Detector (PFD) then compares
the feedback to the input and controls the filter voltage
by enabling and disabling the charge pump. The
charge pump has programmable current drive and will
source and sink current as appropriate to keep the
input and the HSYNC_out output aligned.
The input HSYNC and VSYNC can be conditioned by a
high-performance Schmitt-trigger by sharpening the
rising/falling edge.
The HSYNC_out and VSYNC_out signals are aligned
with the output clock (CLK) via a set of flip flops.
1.2 Output Drivers and Logic Inputs
The ICS1527 uses low-voltage TTL (LVTTL) inputs and
LVCMOS outputs, operating at the 3.3 V supply
voltage. The LVTTL inputs are 5 V tolerant.
The LVCMOS drive resistive terminations or
transmission lines.
1.3 Automatic Power-On Reset Detection
The ICS1527 has automatic power-on reset detection
(POR) circuitry and it resets itself if the supply voltage
drops below threshold values. No external connection
to a reset signal is required.
Figure 1-1 Simplified Block Diagram
Note: Polarity controls and other circuit elements are not shown in above diagram for simplicity
PFD
CP
VCO
VCOD
2,4,8,16
HSYNC
Flip-flop
VSYNC
CLK
HSYNC_out
VSYNC_out
FD
12..4103
Flip-flop
EXTFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com