Electronic Components Datasheet Search
  English  ▼

X  

ICS1527 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS1527
Description  Video Clock Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1527 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS1527 Datasheet HTML 1Page - Integrated Circuit Systems ICS1527 Datasheet HTML 2Page - Integrated Circuit Systems ICS1527 Datasheet HTML 3Page - Integrated Circuit Systems ICS1527 Datasheet HTML 4Page - Integrated Circuit Systems ICS1527 Datasheet HTML 5Page - Integrated Circuit Systems ICS1527 Datasheet HTML 6Page - Integrated Circuit Systems ICS1527 Datasheet HTML 7Page - Integrated Circuit Systems ICS1527 Datasheet HTML 8Page - Integrated Circuit Systems ICS1527 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MDS 1527 G
4
Revision 110905
Integrated Circuit Systems, 525 Race Street, San Jose, CA 95126, tel (408) 297-1201
www.icst.com
Section 2 Pin Descriptions
ICS1527 Data Sheet
Section 2 Pin Descriptions
Notes: 1. These LVTTL inputs are 5 V tolerant.
2. Connect to ground if unused.
Table 2-1
ICS1527 Pin Descriptions
PIN NO. PIN NAME
TYPE
DESCRIPTION
COMMENTS
Notes
1
VSSD
POWER
Digital ground
2SDA
IN/OUT
Serial data
I2C-bus
1
3SCL
IN
Serial clock
I2C-bus
1
4
VSYNC
IN
Vertical sync
1 & 2
5
EXTFB
IN
External feedback
From External Divider
1 & 2
6HSYNC
IN
Horizontal sync
Clock input to PLL
1 & 2
7VDDA
POWER
Analog supply
Power for analog circuitry
8
VSSA
POWER
Analog ground
Ground for analog circuitry
9I2CADR
IN
I2C device address
Chip I2C address select
10
LOCK
LVCMOS
OUT
Lock
PLL lock
11
HSYNC_out
LVCMOS
OUT
HSYNC output
Schmitt-trigger filtered HSYNC
realigned with the output pixel clock
12
CLK
LVCMOS
OUT
Pixel clock output
LVCMOS driver for full-speed clock
13
VDDQ
POWER
Output driver supply
Power for output drivers
14
VSYNC_out
LVCMOS
OUT
VSYNC output
Schmitt-trigger filtered VSYNC
realigned with the output pixel clock
15
VSSQ
POWER
Output driver ground
Ground for output drivers
16
VDDD
POWER
Digital supply
Power for digital sections



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com