Electronic Components Datasheet Search
  English  ▼

X  

ICS1527 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS1527
Description  Video Clock Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1527 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS1527 Datasheet HTML 1Page - Integrated Circuit Systems ICS1527 Datasheet HTML 2Page - Integrated Circuit Systems ICS1527 Datasheet HTML 3Page - Integrated Circuit Systems ICS1527 Datasheet HTML 4Page - Integrated Circuit Systems ICS1527 Datasheet HTML 5Page - Integrated Circuit Systems ICS1527 Datasheet HTML 6Page - Integrated Circuit Systems ICS1527 Datasheet HTML 7Page - Integrated Circuit Systems ICS1527 Datasheet HTML 8Page - Integrated Circuit Systems ICS1527 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MDS1527 G
5
Revision 110905
Integrated Circuit Systems, 525 Race Street, San Jose, CA 95126, tel (408) 297-1201
www.icst.com
Section 3 Register map summary
ICS1527 Data Sheet
Section 3 Register map summary
Word
Address
Name
Access
Bit Name
Bit#
Reset
Value
Description
00h
Input
Control
R / W
CPen
0
1
Charge Pump Enable
0=External Enable via VSYNC, 1=Always Enabled
VSYNC_Pol
1
0
VSYNC Polarity (Charge Pump Enable)
Requires 00h:0=0
0=Coast (charge pump disabled) while VSYNC low,
1=Coast (charge pump disabled) while VSYNC high
HSYNC_Pol
2
0
HSYNC Polarity
0=Rising Edge, 1=Falling Edge
Fbk_Pol
3
0
External Feedback Polarity
0=Positive Edge, 1=Negative Edge
Fbk_Sel
4
0
External Feedback Select
0=Internal Feedback, 1=External
Reserved
5
0
Reserved
EnPLS
6
1
Enable PLL Lock Status Output
0=Disable, 1=Enable
Reserved
7
0
Reserved
01h
Loop
Control*
R / W
ICP0-2
0-2
ICP (Charge Pump Current)
Bit 2,1,0 = {000 =1
µA, 001 = 2 µA, 010 = 4 µA... 110 = 64 µA, 111 =
128
µA}. Increasing the PF Detector Gain makes the loop respond
faster, raising the loop bandwidth. The typical value when using the
internal loop filter is 011.
Reserved
3
Reserved
VCOD0-1
4-5
VCO Divider
Bit 5,4= {00 = ÷2, 01=÷4, 10=÷8, 11=÷16}
Reserved
6-7
Reserved
02h
FdBk Div
0*
R / W
FBD0-7
0-7
Feedback Divider LSBs (bits 0-7)
03h
FdBk Div
1*
R / W
FBD8-11
0-3
Feedback Divider MSBs (bits 8-11)
Divider setting = 12 bit word + 8
Minimum 12 = 000000000100
Maximum 4103 =111111111111
Reserved
4-7
Reserved
04h
Reserved
Reserved
0-7
0
Reserved
05h
Schmitt-
trigger*
R / W
Schmitt
control
0
1
Schmitt-trigger control
0=Schmitt-trigger, 1=No Schmitt-trigger
Metal_Rev
1-7
0
Metal Mask Revision Number
06h
Output
Enables
R / W
Reserved
0
0
Reserved
OE
1
0
Output Enable for CLK, HSYNC_out, VSYNC_out
0=High Impedance (disabled), 1=Enabled
Reserved
2-7
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com