Electronic Components Datasheet Search
  English  ▼

X  

ICS1527 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS1527
Description  Video Clock Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1527 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS1527 Datasheet HTML 3Page - Integrated Circuit Systems ICS1527 Datasheet HTML 4Page - Integrated Circuit Systems ICS1527 Datasheet HTML 5Page - Integrated Circuit Systems ICS1527 Datasheet HTML 6Page - Integrated Circuit Systems ICS1527 Datasheet HTML 7Page - Integrated Circuit Systems ICS1527 Datasheet HTML 8Page - Integrated Circuit Systems ICS1527 Datasheet HTML 9Page - Integrated Circuit Systems ICS1527 Datasheet HTML 10Page - Integrated Circuit Systems ICS1527 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MDS 1527 G
8
Revision 110905
Integrated Circuit Systems, 525 Race Street, San Jose, CA 95126, tel (408) 297-1201
www.icst.com
Section 5 AC/DC Operating Conditions
ICS1527 Data Sheet
Section 5 AC/DC Operating Conditions
5.1 Absolute Maximum Ratings
Table 5-1 lists absolute maximum ratings for the ICS1527. Stresses above these ratings can cause permanent
damage to the device. These ratings, which are standard values for ICS commercially rated parts, are stress ratings
only. Functional operation of the ICS1527 at these or any other conditions above those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
can affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Table 5-2 Environmental Conditions
Table 5-3 DC Characteristics
Table 5-1 ICS1527 Absolute Maximum Ratings
Item
Rating
VDD, VDDA, VDDQ (measured to VSS)*
*. Measured with respect to VSS. During normal operations, the VDD supply voltage for the ICS1527 must
remain within the recommended operating conditions.
4.3 V
Digital Inputs
VSS –0.3 V to 5.5 V
Analog Inputs
VSS -0.3 V to 6.0 V
Analog Outputs
VSSA –0.3 V to VDDA +0.3 V
Digital Outputs
VSSQ –0.3 V to VDDQ +0.3 V
Storage Temperature
–65°C to +150°C
Junction Temperature
125°C
Soldering Temperature
260°C
ESD Susceptibility*
> 2 KV**
**. Electrostatic-sensitive devices. Do not open or handle except in a static-free workstation.
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Power Supply Voltage
+3.0
+3.3
+3.6
V
Parameter
Symbol
Conditions
Min.
Max.
UNITS
Digital Supply Current
IDDD
VDDD = 3.6 V
-
25
mA
Output Driver Supply Current
IDDQ
VDDD = 3.6 V
No drivers enabled
-6
mA
Analog Supply Current
IDDA
VDDA = 3.6 V
-
5
mA
Power consumption
300
mW
Power-On-Reset (POR)
Threshold
VSS
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com