Electronic Components Datasheet Search
  English  ▼

X  

ICS1527 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS1527
Description  Video Clock Synthesizer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1527 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS1527 Datasheet HTML 3Page - Integrated Circuit Systems ICS1527 Datasheet HTML 4Page - Integrated Circuit Systems ICS1527 Datasheet HTML 5Page - Integrated Circuit Systems ICS1527 Datasheet HTML 6Page - Integrated Circuit Systems ICS1527 Datasheet HTML 7Page - Integrated Circuit Systems ICS1527 Datasheet HTML 8Page - Integrated Circuit Systems ICS1527 Datasheet HTML 9Page - Integrated Circuit Systems ICS1527 Datasheet HTML 10Page - Integrated Circuit Systems ICS1527 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MDS1527 G
9
Revision 110905
Integrated Circuit Systems, 525 Race Street, San Jose, CA 95126, tel (408) 297-1201
www.icst.com
Section 5 AC/DC Operating Conditions
ICS1527 Data Sheet
Table 5-4 AC Characteristics
Parameter
Symbol
Min.
Typical
Max.
Units
Notes
General
VCO Frequency
fVCO
50
400
MHz
VCO Gain
K
165
MHz/V
AC Inputs
EXTFB Input Frequency
fEXTFB
8
10,000
kHz
EXTFB Input High Voltage
VIH
2.0
V
EXTFB Input Low Voltage
VIL
1.0
V
Analog Input (HSYNC/VSYNC)
HSYNC Input Frequency
fHSYNC
8
10,000
kHz
VSYNC Input Frequency
fVSYNC
30
120
Hz
Input High Voltage
VIH
1.7
5.5
V
Input Low Voltage
VIL
VSS - 0.3
1.1
V
Input Hysteresis
0.2
0.8
V
Schmitt trigger active
SDA, SCL Digital Inputs
Input High Voltage
VIH
25.5
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
I2CADDR Digital Input
Input High Voltage
VIH
2
VDD+0.3
V
Input Low Voltage
VIL
VSS - 0.3
0.8
V
SDA Digital Output
SDA Output Low Voltage
VOL
0.4
V
IOUT = 3 mA
SDA Output High Voltage
VOH
6.0
V
Determined by
external Rset resistor
LVCMOS Outputs (CLK, HSYNC_out, VSYNC_out, LOCK)
Output Frequency,
ICS1527-110GLF
Fs
2.5
110
MHz
VDDD = 3.3 V
Output Frequency,
ICS1527-60GLF
Fs
2.5
60
MHz
VDDD = 3.3 V
Duty Cycle
SDC
45
50
55
%
2
Jitter, STJ, RMS
STJ
0.027
ns
30 kHz input to 50
MHz output
Jitter, STJ, pk-pk
STJ
0.200
ns
Jitter, Input-Output
IOJ
2.500
ns
HSYNC in to CLK out
Output Low Voltage
VOL
0.4
V
IOUT = 4 mA
Output High Voltage
VOH
2.4
V
IOUT = -4 mA
HSYNC to HSYNC_out
propagation delay (without
Schmitt-trigger)
29
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com