Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 134 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 134 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 130Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 131Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 132Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 133Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 134Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 135Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 136Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 137Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 138Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 256 page
background image
134
Am79C978A
CSR64: Next Transmit Buffer Address Lower
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
NXBAL
Contains the lower 16 bits of the
next transmit buffer address from
which the Am79C978A controller
will transmit an outgoing frame.
These bits are read/write accessi-
ble only when either the STOP or
the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.
CSR65: Next Transmit Buffer Address Upper
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
NXBAU
Contains the upper 16 bits of the
next transmit buffer address from
which the Am79C978A controller
will transmit an outgoing frame.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.
CSR66: Next Transmit Byte Count
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-12 RES
Reserved locations. Read and
written as zeros.
11-0
NXBC
Next Transmit Byte Count. This field
is a copy of the BCNT field of TMD1
of the next transmit descriptor.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.
CSR67: Next Transmit Status
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
NXST
Next Transmit Status. This field is
a copy of bits 31-16 of TMD1 of
the next transmit descriptor.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.
7-0
RES
Reserved locations. Read and
written as zeros. Accessible only
when either the STOP or the
SPND bit is set.
CSR72: Receive Ring Counter
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RCVRC
Receive Ring Counter location.
Contains a two’s complement bi-
nary number used to number the
current receive descriptor. This
counter interprets the value in
CSR76 as pointing to the first de-
scriptor. A counter value of zero
corresponds to the last descriptor
in the ring.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.
CSR74: Transmit Ring Counter
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
XMTRC
Transmit Ring Counter location.
Contains a two’s complement bi-
nary number used to number the
current transmit descriptor. This
counter interprets the value in
CSR78 as pointing to the first de-
scriptor. A counter value of zero
corresponds to the last descriptor
in the ring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com