Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 136 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 136 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 132Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 133Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 134Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 135Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 136Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 137Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 138Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 139Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 140Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 256 page
background image
136
Am79C978A
present in the FIFO before re-
ceive DMA is requested.
When operating with the SRAM,
the Bus Receive FIFO, and the
MAC Receive FIFO operate inde-
pendently on the bus side and
MAC side of the SRAM, respec-
tively. In this case, the watermark
value set by RCVFW[1:0] sets the
number of bytes that must be
present in the Bus Receive FIFO
only. See Table 33.
Table 33.
Receive Watermark Programming
These bits are read/write accessi-
ble only when either the STOP or
the SPND bit is set. RCVFW[1:0] is
set to a value of 01b (64 bytes) af-
ter H_RESET or S_RESET and is
unaffected by STOP.
11-10 XMTSP[1:0] Transmit Start Point. XMTSP
controls the point at which pream-
ble transmission attempts to com-
mence in relation to the number
of bytes written to the MAC
Transmit FIFO for the current
transmit frame. When the entire
frame is in the MAC Transmit
FIFO, transmission will start re-
gardless of the value in XMTSP.
If the network interface is operat-
ing in half-duplex mode, regard-
less of XMTSP, the FIFO will not
internally overwrite its data until
at least 64 bytes (or the entire
frame if shorter than 64 bytes)
have been transmitted onto the
network. This ensures that for
collisions within the slot time win-
dow, transmit data need not be
rewritten to the Transmit FIFO,
and retries will be handled auton-
omously by the MAC. If the Dis-
able Retry feature is enabled, or if
the network is operating in full-du-
plex mode, the Am79C978A con-
troller
can
overwrite
the
beginning of the frame as soon as
the data is transmitted, because
no collision handling is required in
these modes.
Note that when the SRAM is be-
ing used, if the NOUFLO bit
(BCR18, bit 11) is set to 1, there
is the additional restriction that
the complete transmit frame must
be DMA’d into the Am79C978A
controller and reside within a
combination of the Bus Transmit
FIFO, the SRAM, and the MAC
Transmit FIFO.
When the SRAM is used and
SRAM_SIZE > 0, there is a re-
striction that the number of bytes
written is a combination of bytes
written into the Bus Transmit
FIFO and the MAC Transmit
FIFO. The Am79C978A control-
ler supports a mode that will wait
until a full packet is available be-
fore commencing with the trans-
mission of preamble. This mode
is useful in a system where high
latencies cannot be avoided. See
Table 34.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. XMTSP is
set to a value of 01b (64 bytes)
after H_RESET or S_RESET
and is unaffected by STOP.
Table 34.
Transmit Start Point Programming
9-8
XMTFW[1:0] Transmit
FIFO
Watermark.
XMTFW specifies the point at
which transmit DMA is request-
ed, based upon the number of
bytes that could be written to the
RCVFW[1:0]
Bytes Received
00
16
01
64
10
112
11
Reserved
XMTSP[1:0]
SRAM_SIZE
Bytes Written
00
0
20
01
0
64
10
0
128
11
0
220 max
00
>0
36
01
>0
64
10
>0
128
11
>0
Full Packet
XX
>0
Full Packet when
NOUFLO bit is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com