Electronic Components Datasheet Search
  English  ▼

X  

AM79C978AVCW Datasheet(PDF) 135 Page - Advanced Micro Devices

Part # AM79C978AVCW
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978AVCW Datasheet(HTML) 135 Page - Advanced Micro Devices

Back Button AM79C978AVCW Datasheet HTML 131Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 132Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 133Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 134Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 135Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 136Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 137Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 138Page - Advanced Micro Devices AM79C978AVCW Datasheet HTML 139Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 256 page
background image
Am79C978A
135
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.
CSR76: Receive Ring Length
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RCVRL
Receive Ring Length. Contains
the two’s complement of the re-
ceive descriptor ring length. This
register is initialized during the
Am79C978A controller’s initial-
ization routine based on the value
in the RLEN field of the initializa-
tion block. However, this register
can be manually altered. The ac-
tual receive ring length is defined
by the current value in this regis-
ter. The ring length can be de-
fined as any value from 1 to
65535.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.
CSR78: Transmit Ring Length
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
XMTRL
Transmit Ring Length. Contains
the two's complement of the
transmit descriptor ring length.
This register is initialized during
the Am79C978A controller’s ini-
tialization routine based on the
value in the TLEN field of the ini-
tialization block. However, this
register can be manually al-
tered. The actual transmit ring
length is defined by the current
value in this register. The ring
length can be defined as any
value from 1 to 65535.
These bits are read/write acces-
sible only when either the STOP
or the SPND bit is set. These bits
are unaffected by H_RESET,
S_RESET, or STOP.
CSR80: DMA Transfer Counter and FIFO Threshold
Control
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-14 RES
Reserved locations. Written as
zeros and read as undefined.
13-12 RCVFW[1:0] Receive
FIFO
Watermark.
RCVFW controls the point at
which receive DMA is requested
in relation to the number of re-
ceived bytes in the Receive FIFO.
RCVFW specifies the number of
bytes which must be present
(once the frame has been verified
as a non-runt) before receive
DMA is requested. Note, howev-
er, that if the network interface is
operating in half-duplex mode, in
order for receive DMA to be per-
formed for a new frame at least
64 bytes must have been re-
ceived. This effectively avoids
having to react to receive frames
which are runts or suffer a colli-
sion during the slot time (512 bit
times). If the Runt Packet Accept
feature is enabled or if the net-
work interface is operating in full-
duplex mode, receive DMA will
be requested as soon as either
the RCVFW threshold is reached
or a complete valid receive frame
is detected (regardless of length).
When the FDRPAD (BCR9, bit 2)
is set and the Am79C978A con-
troller is in full-duplex mode, in or-
der
for
receive
DMA
to
be
performed for a new frame at
least 64 bytes must have been re-
ceived. This effectively disables
the runt packet accept feature in
full duplex.
When operating in the NO-SRAM
mode (no SRAM enabled), the
Bus Receive FIFO and the MAC
Receive operate like a single
FIFO and the watermark value
selected by RCVFW[1:0] sets the
number of bytes that must be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com