Electronic Components Datasheet Search
  English  ▼

X  

DA9220 Datasheet(PDF) 50 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 50 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 46Page - Dialog Semiconductor DA9220 Datasheet HTML 47Page - Dialog Semiconductor DA9220 Datasheet HTML 48Page - Dialog Semiconductor DA9220 Datasheet HTML 49Page - Dialog Semiconductor DA9220 Datasheet HTML 50Page - Dialog Semiconductor DA9220 Datasheet HTML 51Page - Dialog Semiconductor DA9220 Datasheet HTML 52Page - Dialog Semiconductor DA9220 Datasheet HTML 53Page - Dialog Semiconductor DA9220 Datasheet HTML 54Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
50 of 62
© 2020 Dialog Semiconductor
Table 45: BUCK_BUCK1_4 (0x0024)
Bit
Symbol
Description
[4]
CH1_VSEL
Output voltage and operation selection: 0: A, 1: B.
Initial value is determined by CONF pin setting at the start-
up in CONF_EN = 1
[3:2]
CH1_B_MODE
Operation mode selection.
Initial value is determined by CONF pin setting at the start-
up in CONF_EN = 1
Value
Description
0x0
Force PFM operation
0x1
Force PWM operation
0x2
Force PWM operation
0x3
Auto mode
[1:0]
CH1_A_MODE
Operation mode selection.
Initial value is determined by CONF pin setting at the start-
up in CONF_EN = 1
Value
Description
0x0
Force PFM operation
0x1
Force PWM operation
0x2
Force PWM operation
0x3
Auto mode
Table 46: BUCK_BUCK1_5 (0x0025)
Bit
Symbol
Description
[7:0]
CH1_A_VOUT
Output voltage setting A: Initial value is determined by
CONF pin setting at the start-up in CONF_EN = 1
From 0.30 V (0x1E) to 1.90 V (0xBE) in steps of 10 mV
(default 1.0 V)
Write-protected when value is written below 0.30 V or
above 1.90 V
Value
Description
0x1E
0.3
0x1F
0.31
0x20
0.32
Continuing through…
0x64
1
To…
0xBC
1.88
0xBD
1.89
0xBE
1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com