Electronic Components Datasheet Search
  English  ▼

X  

DA9220 Datasheet(PDF) 59 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 59 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 54Page - Dialog Semiconductor DA9220 Datasheet HTML 55Page - Dialog Semiconductor DA9220 Datasheet HTML 56Page - Dialog Semiconductor DA9220 Datasheet HTML 57Page - Dialog Semiconductor DA9220 Datasheet HTML 58Page - Dialog Semiconductor DA9220 Datasheet HTML 59Page - Dialog Semiconductor DA9220 Datasheet HTML 60Page - Dialog Semiconductor DA9220 Datasheet HTML 61Page - Dialog Semiconductor DA9220 Datasheet HTML 62Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
59 of 62
© 2020 Dialog Semiconductor
6.2
Moisture Sensitivity Level
The moisture sensitivity level (MSL) is an indicator for the maximum allowable time period (floor
lifetime) in which a moisture sensitive plastic device, once removed from the dry bag, can be
exposed to an environment with a specified maximum temperature and a maximum relative humidity
before the solder reflow process. The MSL classification is defined in Table 61.
For detailed information on MSL levels refer to the IPC/JEDEC standard J-STD-020, which can be
downloaded from http://www.jedec.org.
The DA9220 package is qualified for MSL1.
Table 61: MSL Classification
MSL Level
Floor Lifetime
Conditions
MSL 1
Unlimited
≤30 °C / 85 % RH
6.3
WLCSP Handling
Manual handling of WLCSP packages should be reduced to the absolute minimum. In cases where it
is still necessary, a vacuum pick-up tool should be used. In extreme cases plastic tweezers could be
used, but metal tweezers are not acceptable, since contact may easily damage the silicon chip.
Removal of a WLCSP package will cause damage to the solder balls. Therefore a removed sample
cannot be reused.
WLCSP packages are sensitive to visible and infrared light. Precautions should be taken to properly
shield the chip in the final product.
6.4
Soldering Information
Refer to the IPC/JEDEC standard J-STD-020 for relevant soldering information. This document can
be downloaded from http://www.jedec.org.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com