Electronic Components Datasheet Search
  English  ▼

X  

DA9220 Datasheet(PDF) 26 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 26 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 22Page - Dialog Semiconductor DA9220 Datasheet HTML 23Page - Dialog Semiconductor DA9220 Datasheet HTML 24Page - Dialog Semiconductor DA9220 Datasheet HTML 25Page - Dialog Semiconductor DA9220 Datasheet HTML 26Page - Dialog Semiconductor DA9220 Datasheet HTML 27Page - Dialog Semiconductor DA9220 Datasheet HTML 28Page - Dialog Semiconductor DA9220 Datasheet HTML 29Page - Dialog Semiconductor DA9220 Datasheet HTML 30Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
26 of 62
© 2020 Dialog Semiconductor
4.2.3
GPIO
4.2.3.1
GPIO Pin Assignment
The DA9220 provides up to five GPIO pins, three if the I2C is enabled, see Table 16. These registers
are OTP programmable. When CONF_EN = 1 GPIO0 can be used for chip configuration.
Any register settings for GPIO3 and GPIO4 are ignored and GPIO3 and GPIO4 function as SCL and
SDA respectively if I2C_EN = 1.
Table 16: GPIO Pin Assignment
OTP Option
GPIO Pin
Available
GPIOs
I2C_EN
CONF_EN
CONF/
GPIO0
GPIO1
GPIO2
SCL/
GPIO3
SDA/
GPIO4
1’b0
1’b0
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
5
1’b1
CONF
GPIO1
GPIO2
GPIO3
GPIO4
4
1’b1
1’b0
GPIO0
GPIO1
GPIO2
SCL
SDA
3
1’b1
CONF
GPIO1
GPIO2
SCL
SDA
2
4.2.3.2
GPIO Function
The GPIOs pins are configurable as the following functions in register GPIO<x>_MODE (x = 0 to 4):
● Buck1 enable input (EN1)
● Buck2 enable input (EN2)
● Buck1 and Buck2 enable input (EN1 & EN2)
● Buck1 DVC control input (DVC1)
● Buck2 DVC control input (DVC2)
● Buck1 and Buck2 DVC control input (DVC1 & DVC2)
● Buck1 and Buck2 OTP setting reload input (RELOAD)
● Buck1 power good output (PG1)
● Buck2 power good output (PG2)
● Buck1 power good and Buck2 power good output (PG1 & PG2)
● System good output (SG)
● Interrupt output (nIRQ)
Table 17: GPIO Function Configuration
GPIO<x>_MODE[3:0]
Function
IO Condition
4’h0
GPIO disable
HiZ
4’h1
EN1
In
4’h2
EN2
In
4’h3
EN1 & EN2
In
4’h4
DVC1
In
4’h5
DVC2
In
4’h6
DVC1 & DVC2
In
4’h7
RELOAD
In
4’h8
PG1
Out
4’h9
PG2
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com