Electronic Components Datasheet Search
  English  ▼

X  

DA9220 Datasheet(PDF) 54 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 54 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 50Page - Dialog Semiconductor DA9220 Datasheet HTML 51Page - Dialog Semiconductor DA9220 Datasheet HTML 52Page - Dialog Semiconductor DA9220 Datasheet HTML 53Page - Dialog Semiconductor DA9220 Datasheet HTML 54Page - Dialog Semiconductor DA9220 Datasheet HTML 55Page - Dialog Semiconductor DA9220 Datasheet HTML 56Page - Dialog Semiconductor DA9220 Datasheet HTML 57Page - Dialog Semiconductor DA9220 Datasheet HTML 58Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
54 of 62
© 2020 Dialog Semiconductor
Table 51: BUCK_BUCK2_2 (0x002A)
Bit
Symbol
Description
[3:0]
CH2_ILIM
Select OCP threshold
Value
Description
0x0
Reserved
0x1
3.5
0x2
4.0
0x3
4.5
0x4
5.0
0x5
5.5
0x6
6.0
0x7
6.5
0x8
7.0
0x9
7.5
0xA
8.0
0xB
8.5
0xC
9.0
0xD
9.5
0xE
10.0
0xF
Disable
Table 52: BUCK_BUCK2_3 (0x002B)
Bit
Symbol
Description
[7:0]
CH2_VMAX
VOUT max setting (V):
From 0.30 V (0x1E) to 1.90 V (0xBE) in steps of 10 mV
This is a read-only register.
Value
Description
0x1E
0.3
0x1F
0.31
0x20
0.32
Continuing through…
0x64
1
To…
0xBC
1.88
0xBD
1.89
0xBE
1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com