Electronic Components Datasheet Search
  English  ▼

X  

DA9220 Datasheet(PDF) 30 Page - Dialog Semiconductor

Part # DA9220
Description  High-Performance Dual-Channel DC-DC Converter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9220 Datasheet(HTML) 30 Page - Dialog Semiconductor

Back Button DA9220 Datasheet HTML 26Page - Dialog Semiconductor DA9220 Datasheet HTML 27Page - Dialog Semiconductor DA9220 Datasheet HTML 28Page - Dialog Semiconductor DA9220 Datasheet HTML 29Page - Dialog Semiconductor DA9220 Datasheet HTML 30Page - Dialog Semiconductor DA9220 Datasheet HTML 31Page - Dialog Semiconductor DA9220 Datasheet HTML 32Page - Dialog Semiconductor DA9220 Datasheet HTML 33Page - Dialog Semiconductor DA9220 Datasheet HTML 34Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
DA9220
High-Performance Dual-Channel DC-DC Converter
Datasheet
Revision 2.1
17-Sep-2020
CFR0011-120-00
30 of 62
© 2020 Dialog Semiconductor
I2C_EN
Description
0
I2C disable: SCL/GPIO3 and SDA/GPIO4 pins can be used as GPIO
1
I2C enable: SCL/GPIO3 and SDA/GPIO4 pins are used as I2C clock input and I2C data
input/output.
GPIO3 functions as the I2C clock and GPIO4 carries all the power manager bidirectional I2C data.
The I2C interface is open-drain supporting multiple devices on a single line. The bus lines have to be
pulled high by external pull-up resistors (2
kΩ to 20 kΩ). The standard frequency of the I2C bus is
1 MHz in fast-mode plus (FM+), 400 kHz in fast-mode, or 100 kHz in standard mode.
4.4.1
I2C Protocol
All data is transmitted across the I2C bus in eight-bit groups. To send a bit, the SDA line is driven
towards the intended state while the SCL is low (a low SDA indicates a zero bit). Once the SDA has
settled, the SCL line is brought high and then low. This pulse on SCL clocks the SDA bit into the
receiver’s shift register.
A two-byte serial protocol is used containing one byte for address and one byte data. Data and
address transfer are transmitted MSB first for both read and write operations. All transmissions begin
with the START condition from the master while the bus is in idle state (the bus is free). It is initiated
by a high to low transition on the SDA line while the SCL is in the high state (a STOP condition is
indicated by a low to high transition on the SDA line while the SCL is in the high state).
SCL
SDA
Figure 21: I2C START and STOP Condition Timing
The I2C bus is monitored for a valid slave address whenever the interface is enabled. It responds
immediately when it receives its own slave address. The acknowledge is done by pulling the SDA
line low during the following clock cycle (white blocks marked with A in Figure 22 and Figure 23).
The protocol for a register write from master to slave consists of a START condition, a slave address
with read/write bit, and the eight-bit register address followed by eight bits of data, terminated by a
STOP condition. DA9220 responds to all bytes with acknowledge (A), see Figure 22.
SLAVEadr
W
REGadr
A
DATA
A
P
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
Master to Slave
Slave to Master
7-bits
1-bit
8-bits
8-bits
A
S
Figure 22: I2C Byte Write (SDA Line)
When the host reads data from a register it first has to write to DA9220 with the target register
address and then read from DA9220 with a repeated START, or alternatively a second START,
condition. After receiving the data, the host sends no acknowledge (A*) and terminates the
transmission with a STOP condition, see Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com