Electronic Components Datasheet Search
  English  ▼

X  

DA16200MOD Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA16200MOD
Description  Ultra Low Power Wi-Fi Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA16200MOD Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA16200MOD Datasheet HTML 35Page - Dialog Semiconductor DA16200MOD Datasheet HTML 36Page - Dialog Semiconductor DA16200MOD Datasheet HTML 37Page - Dialog Semiconductor DA16200MOD Datasheet HTML 38Page - Dialog Semiconductor DA16200MOD Datasheet HTML 39Page - Dialog Semiconductor DA16200MOD Datasheet HTML 40Page - Dialog Semiconductor DA16200MOD Datasheet HTML 41Page - Dialog Semiconductor DA16200MOD Datasheet HTML 42Page - Dialog Semiconductor DA16200MOD Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
DA16200MOD
Ultra Low Power Wi-Fi Module
Datasheet
Revision 3.1
03-Feb-2021
CFR0011-120-00
39 of 60
© 2021 Dialog Semiconductor
I2S_BCLK
I2S_SDO
(falling edge)
T5
T4
T2
T3
fBCLK
I2S_SDO
(rising edge)
Figure 27: I2S Transmit Timing Diagram
T5
T4
T2
T3
fBCLK
I2S_BCLK
I2S_SDO
Figure 28: I2S Receive Timing Diagram
Table 37: I2S Transmit Timing Parameters
Description
Timing
Min
Typ
Max
Unit
I2S_BCLK frequency
fBCLK
-
3.072
MHz
High period of the BCLK clock
T2
-
½ fBCLK
ns
Low period of the BCLK clock
T3
-
½ fBCLK
ns
I2S_SDO output hold (falling edge)
T4
160
-
ns
I2S_SDO output hold (rising edge)
T5
160
-
ns
Table 38: I2S Receive Timing Parameters
Description
Timing
Min
Typ
Max
Unit
I2S_BCLK frequency
fBCLK
-
3.072
MHz
High period of the BCLK clock
T2
-
½ fBCLK
ns
Low period of the BCLK clock
T3
-
½ fBCLK
ns
I2S_SDO input setup time
T4
15
-
ns
I2S_SDO input hold time
T5
60
-
ns
8.8
ADC (Aux 12-bit)
8.8.1
Overview
DA16200MOD includes a high precision, ultra-low power, and wide dynamic range SAR ADC with a
12-bit resolution. It has a 4-channel single-end ADC.
Analog input is measured by four pins from GPIOA0 to GPIOA3, and pin selection is changed
through the register setting.
Figure 29 shows the control block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com