Electronic Components Datasheet Search
  English  ▼

X  

DA16200MOD Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # DA16200MOD
Description  Ultra Low Power Wi-Fi Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA16200MOD Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button DA16200MOD Datasheet HTML 44Page - Dialog Semiconductor DA16200MOD Datasheet HTML 45Page - Dialog Semiconductor DA16200MOD Datasheet HTML 46Page - Dialog Semiconductor DA16200MOD Datasheet HTML 47Page - Dialog Semiconductor DA16200MOD Datasheet HTML 48Page - Dialog Semiconductor DA16200MOD Datasheet HTML 49Page - Dialog Semiconductor DA16200MOD Datasheet HTML 50Page - Dialog Semiconductor DA16200MOD Datasheet HTML 51Page - Dialog Semiconductor DA16200MOD Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
DA16200MOD
Ultra Low Power Wi-Fi Module
Datasheet
Revision 3.1
03-Feb-2021
CFR0011-120-00
48 of 60
© 2021 Dialog Semiconductor
8.11 PWM
Pulse Width Modulation (PWM) is a modulation technique used to encode a message into a pulse
signal. The blocks are designed to adjust output pulse duration by the CPU bus clock (HCLK).
Figure 38 shows the structure of the PWM block.
AHB
Bus
Matrix
PWM OUT
PWM Block 0
Counter (Period)
Register
Counter (High Duty)
PWM Block 1
Counter (Period)
Register
Counter (High Duty)
PWM Block 2
Counter (Period)
Register
Counter (High Duty)
PWM Block 3
Counter (Period)
Register
Counter (High Duty)
PWM OUT
PWM OUT
PWM OUT
HCLK
Counter
Register
AHB Bus
Figure 38: PWM Block Diagram
Table 44 shows the pin definition of the PWM interface. GPIOx means that PWM signals can go out
through any GPIO pins via register setting.
Table 44: PWM Pin Configuration
Pin Name
Pin Number
I/O
Function Name
GPIOx
PWM[3:0] output
8.11.1
Timing Diagram
Table 45 shows the relation between the internal bus clock and PWM output wave patterns. Figure
39
show the conversion timing diagram. ‘a’ and ‘b’ can be adjusted through the register setting, and
PWM wave patterns vary depending on the ratio.
‘a’ controls the high width of pulses (nCycle High),
while
‘b’ controls the general cycle (nCycle Period).
PWM
a
b
BUS CLK
Figure 39: PWM Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com