Electronic Components Datasheet Search
  English  ▼

X  

DA16200MOD Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA16200MOD
Description  Ultra Low Power Wi-Fi Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA16200MOD Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA16200MOD Datasheet HTML 1Page - Dialog Semiconductor DA16200MOD Datasheet HTML 2Page - Dialog Semiconductor DA16200MOD Datasheet HTML 3Page - Dialog Semiconductor DA16200MOD Datasheet HTML 4Page - Dialog Semiconductor DA16200MOD Datasheet HTML 5Page - Dialog Semiconductor DA16200MOD Datasheet HTML 6Page - Dialog Semiconductor DA16200MOD Datasheet HTML 7Page - Dialog Semiconductor DA16200MOD Datasheet HTML 8Page - Dialog Semiconductor DA16200MOD Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
DA16200MOD
Ultra Low Power Wi-Fi Module
Final
Datasheet
Revision 3.1
03-Feb-2021
CFR0011-120-00
2 of 60
© 2021 Dialog Semiconductor
■ Hardware accelerators
□ General HW CRC engine
□ HW zeroing function for fast booting
□ Pseudo random number generator
(PRNG)
■ Complete software stack
□ Comprehensive networking software stack
□ Provides TCP/IP stack: in the form of
network socket APIs
■ Advanced security
□ Secure booting
□ Secure debugging using JTAG/SWD and
UART ports
□ Secure asset storage
■ Built-in hardware crypto engines for advanced
security
□ TLS/DTLS security protocol functions
□ Crypto engine for key deliberate generic
security functions: AES (128,192,256),
DES/3DES, SHA1/224/256, RSA, DH,
ECC, CHACHA, and TRNG
■ Power management unit
□ On-Chip RTC
□ Wake-up control of fast booting or full
booting with minimal initialization time
□ Supports three ultra-low power sleep
modes
□ ROM: 256 KB, SRAM: 512 KB, OTP: 8
KB, Retention Memory: 48 KB
■ SPI flash Memory
□ 32 M-bit / 4 M-byte
■ External Clock source
□ 40 MHz crystal (± 25 ppm) for master
clock (initial + temp + aging)
□ 32.768 kHz crystal (± 250 ppm) for RTC
clock
■ Supply
□ Operating voltage: 2.1 V to 3.6 V (typical:
3.3 V)
□ 2 Digital I/O Supply Voltage: 1.8 V / 3.3 V
□ Black-out and brown-out detector
■ Module Dimensions
□ 13.8 mm × 22.1 mm x 3.3 mm, 37 Pins,
■ Operating temperature range
□ -40 °C to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com