Electronic Components Datasheet Search
  English  ▼

X  

DA16200MOD Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # DA16200MOD
Description  Ultra Low Power Wi-Fi Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA16200MOD Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button DA16200MOD Datasheet HTML 28Page - Dialog Semiconductor DA16200MOD Datasheet HTML 29Page - Dialog Semiconductor DA16200MOD Datasheet HTML 30Page - Dialog Semiconductor DA16200MOD Datasheet HTML 31Page - Dialog Semiconductor DA16200MOD Datasheet HTML 32Page - Dialog Semiconductor DA16200MOD Datasheet HTML 33Page - Dialog Semiconductor DA16200MOD Datasheet HTML 34Page - Dialog Semiconductor DA16200MOD Datasheet HTML 35Page - Dialog Semiconductor DA16200MOD Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
DA16200MOD
Ultra Low Power Wi-Fi Module
Datasheet
Revision 3.1
03-Feb-2021
CFR0011-120-00
32 of 60
© 2021 Dialog Semiconductor
Parameter
Symbol
Min
Typ
Max
Unit
SDIO_CMD output delay time
TCO.DLY
11 (Note 1)
ns
SDIO_D[3:0] input setup time
TDI.SU
3
ns
SDIO_D[3:0] output delay time
TDO.DLY
11 (Note 1)
ns
Note 1
SDIO signals can set previous output from half cycle.
8.5
I2C Interface
8.5.1
I2C Master
DA16200MOD includes an I2C master module. Three ranges of clock speed are supported: standard
(100 kHz), fast (400 kHz), and high (1.0 MHz) speed mode. Table 29 shows the pin definition of the
I2C master interface.
Table 29: I2C Master Pin Configuration
Pin Name
Pin Number
I/O
Function Name
GPIOA1
32
O
I2C_CLK
GPIOA5
28
O
GPIOA9
24
O
GPIOA0
33
I/O
I2C_SDA
GPIOA4
29
I/O
GPIOA8
25
I/O
Figure 18 shows the I2C timing diagram. The timing diagram is the same as that of I2C slave timing
diagram.
THD;STA
S
SDA
SCL
TR
TSU;DAT
THIGH
TLOW
TR
THD;DAT
TVD;ACK
cont.
...
...
SDA
SCL
cont.
...
...
TSU;STA
THD;STA
Sr
TBUF
P
TSU;STO
S
Figure 18: I2C Master Timing Diagram
Table 30 lists the I2C master timing parameters.
Table 30: I2C Master Timing Parameters
Parameter
Symbol
Fast Mode
High Speed Mode
Unit
Min
Max
Min
Max
Bus clock frequency
Fop_clk
30
160
30
160
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com