Electronic Components Datasheet Search
  English  ▼

X  

DA16200MOD Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA16200MOD
Description  Ultra Low Power Wi-Fi Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA16200MOD Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA16200MOD Datasheet HTML 17Page - Dialog Semiconductor DA16200MOD Datasheet HTML 18Page - Dialog Semiconductor DA16200MOD Datasheet HTML 19Page - Dialog Semiconductor DA16200MOD Datasheet HTML 20Page - Dialog Semiconductor DA16200MOD Datasheet HTML 21Page - Dialog Semiconductor DA16200MOD Datasheet HTML 22Page - Dialog Semiconductor DA16200MOD Datasheet HTML 23Page - Dialog Semiconductor DA16200MOD Datasheet HTML 24Page - Dialog Semiconductor DA16200MOD Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
DA16200MOD
Ultra Low Power Wi-Fi Module
Datasheet
Revision 3.1
03-Feb-2021
CFR0011-120-00
21 of 60
© 2021 Dialog Semiconductor
6.2.2
Sleep Mode 2
Sleep mode 2 is an operational mode in which the RTC_PWR_KEY is set to high and the RTC block
is running. Sleep mode 2 is activated by setting RTC registers for controlling the power management
unit via a command from the CPU.
To switch Sleep mode 2 back to Sleep mode 1, RTC_PWR_KEY should be set to low.
Changing the state of the device from Sleep mode 2 to an ACTIVE state happens in one of two
ways:
1. The counter value that has been set by the CPU prior to entering Sleep mode 2 is reached.
2.
An external wake-up event occurs via the RTC_WAKE_UP pin.
6.2.3
Sleep Mode 3
Sleep Mode 3 is a low power, but fully connected Wi-Fi mode of operation. Sleep Mode 3 checks for
incoming Wi-Fi network data traffic at regular intervals set by the user, for example, every one
second, three seconds, five seconds, and so on. The exact time interval is programmable.
Sleep Mode 3 is activated by software commands. See the SDK documentation for more information.
A device can come out of Sleep Mode 3 and into a fully ACTIVE state before the next targeted
wakeup time interval via a GPIO wakeup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com