Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6QP6EVT2AB Datasheet(PDF) 147 Page - NXP Semiconductors

Part # SCIMX6QP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EVT2AB Datasheet(HTML) 147 Page - NXP Semiconductors

Back Button SCIMX6QP6EVT2AB Datasheet HTML 143Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 144Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 145Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 146Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 147Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 148Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 149Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 150Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 151Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 166 page
background image
Package Information and Contact Assignments
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
147
CSI_D1P
D2
NVCC_MIPI
—
—
CSI_DATA1_P
—
—
CSI_D2M
E1
NVCC_MIPI
—
—
CSI_DATA2_N
—
—
CSI_D2P
E2
NVCC_MIPI
—
—
CSI_DATA2_P
—
—
CSI_D3M
F2
NVCC_MIPI
—
—
CSI_DATA3_N
—
—
CSI_D3P
F1
NVCC_MIPI
—
—
CSI_DATA3_P
—
—
CSI0_DAT10
M1
NVCC_CSI
GPIO
ALT5
GPIO5_IO28
Input
PU (100K)
CSI0_DAT11
M3
NVCC_CSI
GPIO
ALT5
GPIO5_IO29
Input
PU (100K)
CSI0_DAT12
M2
NVCC_CSI
GPIO
ALT5
GPIO5_IO30
Input
PU (100K)
CSI0_DAT13
L1
NVCC_CSI
GPIO
ALT5
GPIO5_IO31
Input
PU (100K)
CSI0_DAT14
M4
NVCC_CSI
GPIO
ALT5
GPIO6_IO00
Input
PU (100K)
CSI0_DAT15
M5
NVCC_CSI
GPIO
ALT5
GPIO6_IO01
Input
PU (100K)
CSI0_DAT16
L4
NVCC_CSI
GPIO
ALT5
GPIO6_IO02
Input
PU (100K)
CSI0_DAT17
L3
NVCC_CSI
GPIO
ALT5
GPIO6_IO03
Input
PU (100K)
CSI0_DAT18
M6
NVCC_CSI
GPIO
ALT5
GPIO6_IO04
Input
PU (100K)
CSI0_DAT19
L6
NVCC_CSI
GPIO
ALT5
GPIO6_IO05
Input
PU (100K)
CSI0_DAT4
N1
NVCC_CSI
GPIO
ALT5
GPIO5_IO22
Input
PU (100K)
CSI0_DAT5
P2
NVCC_CSI
GPIO
ALT5
GPIO5_IO23
Input
PU (100K)
CSI0_DAT6
N4
NVCC_CSI
GPIO
ALT5
GPIO5_IO24
Input
PU (100K)
CSI0_DAT7
N3
NVCC_CSI
GPIO
ALT5
GPIO5_IO25
Input
PU (100K)
CSI0_DAT8
N6
NVCC_CSI
GPIO
ALT5
GPIO5_IO26
Input
PU (100K)
CSI0_DAT9
N5
NVCC_CSI
GPIO
ALT5
GPIO5_IO27
Input
PU (100K)
CSI0_DATA_EN
P3
NVCC_CSI
GPIO
ALT5
GPIO5_IO20
Input
PU (100K)
CSI0_MCLK
P4
NVCC_CSI
GPIO
ALT5
GPIO5_IO19
Input
PU (100K)
CSI0_PIXCLK
P1
NVCC_CSI
GPIO
ALT5
GPIO5_IO18
Input
PU (100K)
CSI0_VSYNC
N2
NVCC_CSI
GPIO
ALT5
GPIO5_IO21
Input
PU (100K)
DI0_DISP_CLK
N19
NVCC_LCD
GPIO
ALT5
GPIO4_IO16
Input
PU (100K)
DI0_PIN15
N21
NVCC_LCD
GPIO
ALT5
GPIO4_IO17
Input
PU (100K)
DI0_PIN2
N25
NVCC_LCD
GPIO
ALT5
GPIO4_IO18
Input
PU (100K)
DI0_PIN3
N20
NVCC_LCD
GPIO
ALT5
GPIO4_IO19
Input
PU (100K)
DI0_PIN4
P25
NVCC_LCD
GPIO
ALT5
GPIO4_IO20
Input
PU (100K)
DISP0_DAT0
P24
NVCC_LCD
GPIO
ALT5
GPIO4_IO21
Input
PU (100K)
DISP0_DAT1
P22
NVCC_LCD
GPIO
ALT5
GPIO4_IO22
Input
PU (100K)
DISP0_DAT10
R21
NVCC_LCD
GPIO
ALT5
GPIO4_IO31
Input
PU (100K)
DISP0_DAT11
T23
NVCC_LCD
GPIO
ALT5
GPIO5_IO05
Input
PU (100K)
DISP0_DAT12
T24
NVCC_LCD
GPIO
ALT5
GPIO5_IO06
Input
PU (100K)
DISP0_DAT13
R20
NVCC_LCD
GPIO
ALT5
GPIO5_IO07
Input
PU (100K)
Table 96. 21 x 21 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
(Signal Name)
Input/Output
Value2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com