Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6QP6EVT2AB Datasheet(PDF) 151 Page - NXP Semiconductors

Part # SCIMX6QP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EVT2AB Datasheet(HTML) 151 Page - NXP Semiconductors

Back Button SCIMX6QP6EVT2AB Datasheet HTML 147Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 148Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 149Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 150Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 151Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 152Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 153Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 154Page - NXP Semiconductors SCIMX6QP6EVT2AB Datasheet HTML 155Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 166 page
background image
Package Information and Contact Assignments
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
151
DRAM_DQM7
Y21
NVCC_DRAM
DDR
ALT0
DRAM_DQM7
Output
0
DRAM_RAS
AB15
NVCC_DRAM
DDR
ALT0
DRAM_RAS_B
Output
0
DRAM_RESET
Y6
NVCC_DRAM
DDR
ALT0
DRAM_RESET
Output
0
DRAM_SDBA0
AC15
NVCC_DRAM
DDR
ALT0
DRAM_SDBA0
Output
0
DRAM_SDBA1
Y15
NVCC_DRAM
DDR
ALT0
DRAM_SDBA1
Output
0
DRAM_SDBA2
AB12
NVCC_DRAM
DDR
ALT0
DRAM_SDBA2
Output
0
DRAM_SDCKE0
Y11
NVCC_DRAM
DDR
ALT0
DRAM_SDCKE0
Output
0
DRAM_SDCKE1
AA11
NVCC_DRAM
DDR
ALT0
DRAM_SDCKE1
Output
0
DRAM_SDCLK_0
AD15
NVCC_DRAM
DDRCLK
ALT0
DRAM_SDCLK0_P
Output
0
DRAM_SDCLK_0_B AE15
NVCC_DRAM
DDRCLK
—
DRAM_SDCLK0_N
—
—
DRAM_SDCLK_1
AD14
NVCC_DRAM
DDRCLK
ALT0
DRAM_SDCLK1_P
Output
0
DRAM_SDCLK_1_B AE14
NVCC_DRAM
DDRCLK
—
DRAM_SDCLK1_N
—
—
DRAM_SDODT0
AC16
NVCC_DRAM
DDR
ALT0
DRAM_ODT0
Output
0
DRAM_SDODT1
AB17
NVCC_DRAM
DDR
ALT0
DRAM_ODT1
Output
0
DRAM_SDQS0
AE3
NVCC_DRAM
DDRCLK
ALT0
DRAM_SDQS0_P
Input
Hi-Z
DRAM_SDQS0_B
AD3
NVCC_DRAM
DDRCLK
—
DRAM_SDQS0_N
—
—
DRAM_SDQS1
AD6
NVCC_DRAM
DDRCLK
ALT0
DRAM_SDQS1_P
Input
Hi-Z
DRAM_SDQS1_B
AE6
NVCC_DRAM
DDRCLK
—
DRAM_SDQS1_N
—
—
DRAM_SDQS2
AD8
NVCC_DRAM
DDRCLK
ALT0
DRAM_SDQS2_P
Input
Hi-Z
DRAM_SDQS2_B
AE8
NVCC_DRAM
DDRCLK
—
DRAM_SDQS2_N
—
—
DRAM_SDQS3
AC10
NVCC_DRAM
DDRCLK
ALT0
DRAM_SDQS3_P
Input
Hi-Z
DRAM_SDQS3_B
AB10
NVCC_DRAM
DDRCLK
—
DRAM_SDQS3_N
—
—
DRAM_SDQS4
AD18
NVCC_DRAM
DDRCLK
ALT0
DRAM_SDQS4_P
Input
Hi-Z
DRAM_SDQS4_B
AE18
NVCC_DRAM
DDRCLK
—
DRAM_SDQS4_N
—
—
DRAM_SDQS5
AD20
NVCC_DRAM
DDRCLK
ALT0
DRAM_SDQS5_P
Input
Hi-Z
DRAM_SDQS5_B
AE20
NVCC_DRAM
DDRCLK
—
DRAM_SDQS5_N
—
—
DRAM_SDQS6
AD23
NVCC_DRAM
DDRCLK
ALT0
DRAM_SDQS6_P
Input
Hi-Z
DRAM_SDQS6_B
AE23
NVCC_DRAM
DDRCLK
—
DRAM_SDQS6_N
—
—
DRAM_SDQS7
AA25
NVCC_DRAM
DDRCLK
ALT0
DRAM_SDQS7_P
Input
Hi-Z
DRAM_SDQS7_B
AA24
NVCC_DRAM
DDRCLK
—
DRAM_SDQS7_N
—
—
DRAM_SDWE
AB16
NVCC_DRAM
DDR
ALT0
DRAM_SDWE_B
Output
0
DSI_CLK0M
H3
NVCC_MIPI
—
—
DSI_CLK_N
—
—
DSI_CLK0P
H4
NVCC_MIPI
—
—
DSI_CLK_P
—
—
DSI_D0M
G2
NVCC_MIPI
—
—
DSI_DATA0_N
—
—
DSI_D0P
G1
NVCC_MIPI
—
—
DSI_DATA0_P
—
—
DSI_D1M
H2
NVCC_MIPI
—
—
DSI_DATA1_N
—
—
Table 96. 21 x 21 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
(Signal Name)
Input/Output
Value2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com