Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6DP6EVT2AB Datasheet(PDF) 150 Page - NXP Semiconductors

Part # SCIMX6DP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT2AB Datasheet(HTML) 150 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT2AB Datasheet HTML 146Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 147Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 148Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 149Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 150Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 151Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 152Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 153Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 154Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
150
NXP Semiconductors
Package Information and Contact Assignments
DRAM_D40
Y19
NVCC_DRAM
DDR
ALT0
DRAM_DATA40
Input
PU (100K)
DRAM_D41
AB20
NVCC_DRAM
DDR
ALT0
DRAM_DATA41
Input
PU (100K)
DRAM_D42
AB21
NVCC_DRAM
DDR
ALT0
DRAM_DATA42
Input
PU (100K)
DRAM_D43
AD21
NVCC_DRAM
DDR
ALT0
DRAM_DATA43
Input
PU (100K)
DRAM_D44
Y20
NVCC_DRAM
DDR
ALT0
DRAM_DATA44
Input
PU (100K)
DRAM_D45
AA20
NVCC_DRAM
DDR
ALT0
DRAM_DATA45
Input
PU (100K)
DRAM_D46
AE21
NVCC_DRAM
DDR
ALT0
DRAM_DATA46
Input
PU (100K)
DRAM_D47
AC21
NVCC_DRAM
DDR
ALT0
DRAM_DATA47
Input
PU (100K)
DRAM_D48
AC22
NVCC_DRAM
DDR
ALT0
DRAM_DATA48
Input
PU (100K)
DRAM_D49
AE22
NVCC_DRAM
DDR
ALT0
DRAM_DATA49
Input
PU (100K)
DRAM_D5
AD1
NVCC_DRAM
DDR
ALT0
DRAM_DATA05
Input
PU (100K)
DRAM_D50
AE24
NVCC_DRAM
DDR
ALT0
DRAM_DATA50
Input
PU (100K)
DRAM_D51
AC24
NVCC_DRAM
DDR
ALT0
DRAM_DATA51
Input
PU (100K)
DRAM_D52
AB22
NVCC_DRAM
DDR
ALT0
DRAM_DATA52
Input
PU (100K)
DRAM_D53
AC23
NVCC_DRAM
DDR
ALT0
DRAM_DATA53
Input
PU (100K)
DRAM_D54
AD25
NVCC_DRAM
DDR
ALT0
DRAM_DATA54
Input
PU (100K)
DRAM_D55
AC25
NVCC_DRAM
DDR
ALT0
DRAM_DATA55
Input
PU (100K)
DRAM_D56
AB25
NVCC_DRAM
DDR
ALT0
DRAM_DATA56
Input
PU (100K)
DRAM_D57
AA21
NVCC_DRAM
DDR
ALT0
DRAM_DATA57
Input
PU (100K)
DRAM_D58
Y25
NVCC_DRAM
DDR
ALT0
DRAM_DATA58
Input
PU (100K)
DRAM_D59
Y22
NVCC_DRAM
DDR
ALT0
DRAM_DATA59
Input
PU (100K)
DRAM_D6
AB4
NVCC_DRAM
DDR
ALT0
DRAM_DATA06
Input
PU (100K)
DRAM_D60
AB23
NVCC_DRAM
DDR
ALT0
DRAM_DATA60
Input
PU (100K)
DRAM_D61
AA23
NVCC_DRAM
DDR
ALT0
DRAM_DATA61
Input
PU (100K)
DRAM_D62
Y23
NVCC_DRAM
DDR
ALT0
DRAM_DATA62
Input
PU (100K)
DRAM_D63
W25
NVCC_DRAM
DDR
ALT0
DRAM_DATA63
Input
PU (100K)
DRAM_D7
AE4
NVCC_DRAM
DDR
ALT0
DRAM_DATA07
Input
PU (100K)
DRAM_D8
AD5
NVCC_DRAM
DDR
ALT0
DRAM_DATA08
Input
PU (100K)
DRAM_D9
AE5
NVCC_DRAM
DDR
ALT0
DRAM_DATA09
Input
PU (100K)
DRAM_DQM0
AC3
NVCC_DRAM
DDR
ALT0
DRAM_DQM0
Output
0
DRAM_DQM1
AC6
NVCC_DRAM
DDR
ALT0
DRAM_DQM1
Output
0
DRAM_DQM2
AB8
NVCC_DRAM
DDR
ALT0
DRAM_DQM2
Output
0
DRAM_DQM3
AE10
NVCC_DRAM
DDR
ALT0
DRAM_DQM3
Output
0
DRAM_DQM4
AB18
NVCC_DRAM
DDR
ALT0
DRAM_DQM4
Output
0
DRAM_DQM5
AC20
NVCC_DRAM
DDR
ALT0
DRAM_DQM5
Output
0
DRAM_DQM6
AD24
NVCC_DRAM
DDR
ALT0
DRAM_DQM6
Output
0
Table 96. 21 x 21 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
(Signal Name)
Input/Output
Value2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com