Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6DP6EVT2AB Datasheet(PDF) 153 Page - NXP Semiconductors

Part # SCIMX6DP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT2AB Datasheet(HTML) 153 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT2AB Datasheet HTML 149Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 150Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 151Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 152Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 153Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 154Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 155Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 156Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 157Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 166 page
background image
Package Information and Contact Assignments
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
153
EIM_DA6
K25
NVCC_EIM2
GPIO
ALT0
EIM_AD06
Input
PU (100K)
EIM_DA7
L25
NVCC_EIM2
GPIO
ALT0
EIM_AD07
Input
PU (100K)
EIM_DA8
L24
NVCC_EIM2
GPIO
ALT0
EIM_AD08
Input
PU (100K)
EIM_DA9
M21
NVCC_EIM2
GPIO
ALT0
EIM_AD09
Input
PU (100K)
EIM_DA10
M22
NVCC_EIM2
GPIO
ALT0
EIM_AD10
Input
PU (100K)
EIM_DA11
M20
NVCC_EIM2
GPIO
ALT0
EIM_AD11
Input
PU (100K)
EIM_DA12
M24
NVCC_EIM2
GPIO
ALT0
EIM_AD12
Input
PU (100K)
EIM_DA13
M23
NVCC_EIM2
GPIO
ALT0
EIM_AD13
Input
PU (100K)
EIM_DA14
N23
NVCC_EIM2
GPIO
ALT0
EIM_AD14
Input
PU (100K)
EIM_DA15
N24
NVCC_EIM2
GPIO
ALT0
EIM_AD15
Input
PU (100K)
EIM_EB0
K21
NVCC_EIM2
GPIO
ALT0
EIM_EB0_B
Output
1
EIM_EB1
K23
NVCC_EIM2
GPIO
ALT0
EIM_EB1_B
Output
1
EIM_EB2
E22
NVCC_EIM0
GPIO
ALT5
GPIO2_IO30
Input
PU (100K)
EIM_EB3
F23
NVCC_EIM0
GPIO
ALT5
GPIO2_IO31
Input
PU (100K)
EIM_LBA
K22
NVCC_EIM1
GPIO
ALT0
EIM_LBA_B
Output
1
EIM_OE
J24
NVCC_EIM1
GPIO
ALT0
EIM_OE
Output
1
EIM_RW
K20
NVCC_EIM1
GPIO
ALT0
EIM_RW
Output
1
EIM_WAIT
M25
NVCC_EIM2
GPIO
ALT0
EIM_WAIT
Input
PU (100K)
ENET_CRS_DV
U21
NVCC_ENET
GPIO
ALT5
GPIO1_IO25
Input
PU (100K)
ENET_MDC
V20
NVCC_ENET
GPIO
ALT5
GPIO1_IO31
Input
PU (100K)
ENET_MDIO
V23
NVCC_ENET
GPIO
ALT5
GPIO1_IO22
Input
PU (100K)
ENET_REF_CLK3
V22
NVCC_ENET
GPIO
ALT5
GPIO1_IO23
Input
PU (100K)
ENET_RX_ER
W23
NVCC_ENET
GPIO
ALT5
GPIO1_IO24
Input
PU (100K)
ENET_RXD0
W21
NVCC_ENET
GPIO
ALT5
GPIO1_IO27
Input
PU (100K)
ENET_RXD1
W22
NVCC_ENET
GPIO
ALT5
GPIO1_IO26
Input
PU (100K)
ENET_TX_EN
V21
NVCC_ENET
GPIO
ALT5
GPIO1_IO28
Input
PU (100K)
ENET_TXD0
U20
NVCC_ENET
GPIO
ALT5
GPIO1_IO30
Input
PU (100K)
ENET_TXD1
W20
NVCC_ENET
GPIO
ALT5
GPIO1_IO29
Input
PU (100K)
GPIO_0
T5
NVCC_GPIO
GPIO
ALT5
GPIO1_IO00
Input
PD (100K)
GPIO_1
T4
NVCC_GPIO
GPIO
ALT5
GPIO1_IO01
Input
PU (100K)
GPIO_16
R2
NVCC_GPIO
GPIO
ALT5
GPIO7_IO11
Input
PU (100K)
GPIO_17
R1
NVCC_GPIO
GPIO
ALT5
GPIO7_IO12
Input
PU (100K)
GPIO_18
P6
NVCC_GPIO
GPIO
ALT5
GPIO7_IO13
Input
PU (100K)
GPIO_19
P5
NVCC_GPIO
GPIO
ALT5
GPIO4_IO05
Input
PU (100K)
GPIO_2
T1
NVCC_GPIO
GPIO
ALT5
GPIO1_IO02
Input
PU (100K)
GPIO_3
R7
NVCC_GPIO
GPIO
ALT5
GPIO1_IO03
Input
PU (100K)
Table 96. 21 x 21 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
(Signal Name)
Input/Output
Value2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com