Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6DP6EVT2AB Datasheet(PDF) 155 Page - NXP Semiconductors

Part # SCIMX6DP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT2AB Datasheet(HTML) 155 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT2AB Datasheet HTML 151Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 152Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 153Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 154Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 155Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 156Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 157Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 158Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 159Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 166 page
background image
Package Information and Contact Assignments
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
155
LVDS0_TX1_P
U3
NVCC_LVDS_2P5
LVDS
ALT0
LVDS0_TX1_P
Input
Keeper
LVDS0_TX2_N
V2
NVCC_LVDS_2P5
LVDS
—
LVDS0_TX2_N
—
—
LVDS0_TX2_P
V1
NVCC_LVDS_2P5
LVDS
ALT0
LVDS0_TX2_P
Input
Keeper
LVDS0_TX3_N
W2
NVCC_LVDS_2P5
LVDS
—
LVDS0_TX3_N
—
—
LVDS0_TX3_P
W1
NVCC_LVDS_2P5
LVDS
ALT0
LVDS0_TX3_P
Input
Keeper
LVDS1_CLK_N
Y3
NVCC_LVDS_2P5
LVDS
—
LVDS1_CLK_N
—
—
LVDS1_CLK_P
Y4
NVCC_LVDS_2P5
LVDS
ALT0
LVDS1_CLK_P
Input
Keeper
LVDS1_TX0_N
Y1
NVCC_LVDS_2P5
LVDS
—
LVDS1_TX0_N
—
—
LVDS1_TX0_P
Y2
NVCC_LVDS_2P5
LVDS
ALT0
LVDS1_TX0_P
Input
Keeper
LVDS1_TX1_N
AA2 NVCC_LVDS_2P5
LVDS
—
LVDS1_TX1_N
—
—
LVDS1_TX1_P
AA1 NVCC_LVDS_2P5
LVDS
ALT0
LVDS1_TX1_P
Input
Keeper
LVDS1_TX2_N
AB1 NVCC_LVDS_2P5
LVDS
—
LVDS1_TX2_N
—
—
LVDS1_TX2_P
AB2 NVCC_LVDS_2P5
LVDS
ALT0
LVDS1_TX2_P
Input
Keeper
LVDS1_TX3_N
AA3 NVCC_LVDS_2P5
LVDS
—
LVDS1_TX3_N
—
—
LVDS1_TX3_P
AA4 NVCC_LVDS_2P5
LVDS
ALT0
LVDS1_TX3_P
Input
Keeper
MLB_CN
A11
VDD_HIGH_CAP
LVDS
—
MLB_CLK_N
—
—
MLB_CP
B11
VDD_HIGH_CAP
LVDS
—
MLB_CLK_P
—
—
MLB_DN
B10
VDD_HIGH_CAP
LVDS
—
MLB_DATA_N
—
—
MLB_DP
A10
VDD_HIGH_CAP
LVDS
—
MLB_DATA_P
—
—
MLB_SN
A9
VDD_HIGH_CAP
LVDS
—
MLB_SIG_N
—
—
MLB_SP
B9
VDD_HIGH_CAP
LVDS
—
MLB_SIG_P
—
—
NANDF_ALE
A16
NVCC_NANDF
GPIO
ALT5
GPIO6_IO08
Input
PU (100K)
NANDF_CLE
C15
NVCC_NANDF
GPIO
ALT5
GPIO6_IO07
Input
PU (100K)
NANDF_CS0
F15
NVCC_NANDF
GPIO
ALT5
GPIO6_IO11
Input
PU (100K)
NANDF_CS1
C16
NVCC_NANDF
GPIO
ALT5
GPIO6_IO14
Input
PU (100K)
NANDF_CS2
A17
NVCC_NANDF
GPIO
ALT5
GPIO6_IO15
Input
PU (100K)
NANDF_CS3
D16
NVCC_NANDF
GPIO
ALT5
GPIO6_IO16
Input
PU (100K)
NANDF_D0
A18
NVCC_NANDF
GPIO
ALT5
GPIO2_IO00
Input
PU (100K)
NANDF_D1
C17
NVCC_NANDF
GPIO
ALT5
GPIO2_IO01
Input
PU (100K)
NANDF_D2
F16
NVCC_NANDF
GPIO
ALT5
GPIO2_IO02
Input
PU (100K)
NANDF_D3
D17
NVCC_NANDF
GPIO
ALT5
GPIO2_IO03
Input
PU (100K)
NANDF_D4
A19
NVCC_NANDF
GPIO
ALT5
GPIO2_IO04
Input
PU (100K)
NANDF_D5
B18
NVCC_NANDF
GPIO
ALT5
GPIO2_IO05
Input
PU (100K)
NANDF_D6
E17
NVCC_NANDF
GPIO
ALT5
GPIO2_IO06
Input
PU (100K)
NANDF_D7
C18
NVCC_NANDF
GPIO
ALT5
GPIO2_IO07
Input
PU (100K)
NANDF_RB0
B16
NVCC_NANDF
GPIO
ALT5
GPIO6_IO10
Input
PU (100K)
Table 96. 21 x 21 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
(Signal Name)
Input/Output
Value2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com