Electronic Components Datasheet Search
  English  ▼

X  

SCIMX6DP6EVT2AB Datasheet(PDF) 156 Page - NXP Semiconductors

Part # SCIMX6DP6EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT2AB Datasheet(HTML) 156 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT2AB Datasheet HTML 152Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 153Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 154Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 155Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 156Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 157Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 158Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 159Page - NXP Semiconductors SCIMX6DP6EVT2AB Datasheet HTML 160Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
156
NXP Semiconductors
Package Information and Contact Assignments
NANDF_WP_B
E15
NVCC_NANDF
GPIO
ALT5
GPIO6_IO09
Input
PU (100K)
ONOFF
D12
VDD_SNVS_IN
GPIO
—
SRC_ONOFF
Input
PU (100K)
PCIE_RXM
B1
PCIE_VPH
—
—
PCIE_RX_N
—
—
PCIE_RXP
B2
PCIE_VPH
—
—
PCIE_RX_P
—
—
PCIE_TXM
A3
PCIE_VPH
—
—
PCIE_TX_N
—
—
PCIE_TXP
B3
PCIE_VPH
—
—
PCIE_TX_P
—
—
PMIC_ON_REQ
D11
VDD_SNVS_IN
GPIO
ALT0
SNVS_PMIC_ON_REQ
Output
Open
Drain with
PU (100K)
PMIC_STBY_REQ
F11
VDD_SNVS_IN
GPIO
ALT0
CCM_PMIC_STBY_REQ
Output
0
POR_B
C11
VDD_SNVS_IN
GPIO
ALT0
SRC_POR_B
Input
PU (100K)
RGMII_RD0
C24
NVCC_RGMII
DDR
ALT5
GPIO6_IO25
Input
PU (100K)
RGMII_RD1
B23
NVCC_RGMII
DDR
ALT5
GPIO6_IO27
Input
PU (100K)
RGMII_RD2
B24
NVCC_RGMII
DDR
ALT5
GPIO6_IO28
Input
PU (100K)
RGMII_RD3
D23
NVCC_RGMII
DDR
ALT5
GPIO6_IO29
Input
PU (100K)
RGMII_RX_CTL
D22
NVCC_RGMII
DDR
ALT5
GPIO6_IO24
Input
PD (100K)
RGMII_RXC
B25
NVCC_RGMII
DDR
ALT5
GPIO6_IO30
Input
PD (100K)
RGMII_TD0
C22
NVCC_RGMII
DDR
ALT5
GPIO6_IO20
Input
PU (100K)
RGMII_TD1
F20
NVCC_RGMII
DDR
ALT5
GPIO6_IO21
Input
PU (100K)
RGMII_TD2
E21
NVCC_RGMII
DDR
ALT5
GPIO6_IO22
Input
PU (100K)
RGMII_TD3
A24
NVCC_RGMII
DDR
ALT5
GPIO6_IO23
Input
PU (100K)
RGMII_TX_CTL
C23
NVCC_RGMII
DDR
ALT5
GPIO6_IO26
Input
PD (100K)
RGMII_TXC
D21
NVCC_RGMII
DDR
ALT5
GPIO6_IO19
Input
PD (100K)
RTC_XTALI
D9
VDD_SNVS_CAP
—
—
RTC_XTALI
—
—
RTC_XTALO
C9
VDD_SNVS_CAP
—
—
RTC_XTALO
—
—
SATA_RXM
A14
SATA_VPH
—
—
SATA_PHY_RX_N
—
—
SATA_RXP
B14
SATA_VPH
—
—
SATA_PHY_RX_P
—
—
SATA_TXM
B12
SATA_VPH
—
—
SATA_PHY_TX_N
—
—
SATA_TXP
A12
SATA_VPH
—
—
SATA_PHY_TX_P
—
—
SD1_CLK
D20
NVCC_SD1
GPIO
ALT5
GPIO1_IO20
Input
PU (100K)
SD1_CMD
B21
NVCC_SD1
GPIO
ALT5
GPIO1_IO18
Input
PU (100K)
SD1_DAT0
A21
NVCC_SD1
GPIO
ALT5
GPIO1_IO16
Input
PU (100K)
SD1_DAT1
C20
NVCC_SD1
GPIO
ALT5
GPIO1_IO17
Input
PU (100K)
SD1_DAT2
E19
NVCC_SD1
GPIO
ALT5
GPIO1_IO19
Input
PU (100K)
SD1_DAT3
F18
NVCC_SD1
GPIO
ALT5
GPIO1_IO21
Input
PU (100K)
SD2_CLK
C21
NVCC_SD2
GPIO
ALT5
GPIO1_IO10
Input
PU (100K)
SD2_CMD
F19
NVCC_SD2
GPIO
ALT5
GPIO1_IO11
Input
PU (100K)
Table 96. 21 x 21 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
(Signal Name)
Input/Output
Value2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com