Electronic Components Datasheet Search
  English  ▼

X  

OPA396 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA396
Description  OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA396 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA396 Datasheet HTML 2Page - Texas Instruments OPA396 Datasheet HTML 3Page - Texas Instruments OPA396 Datasheet HTML 4Page - Texas Instruments OPA396 Datasheet HTML 5Page - Texas Instruments OPA396 Datasheet HTML 6Page - Texas Instruments OPA396 Datasheet HTML 7Page - Texas Instruments OPA396 Datasheet HTML 8Page - Texas Instruments OPA396 Datasheet HTML 9Page - Texas Instruments OPA396 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6.5 Electrical Characteristics (continued)
at VS = 1.7 V to 5.5 V, TA = 25°C, and VCM = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage
gain
VS = 5.5 V
(V–) + 0.1 V < VO < (V+) – 0.1 V,
VCM = (V–) –100 mV,
RL = 10 kΩ
100
121
dB
(V–) + 0.45 V < VO < (V+) – 0.45 V,
VCM = (V–) –100 mV,
RL = 2 kΩ
100
121
VS = 1.7 V
(V–) + 0.1 V < VO < (V+) – 0.1 V,
VCM = (V+) – 1.5 V,
RL = 10 kΩ
90
113
(V–) + 0.45 V < VO < (V+) – 0.45 V,
VCM = (V+) – 1.5 V,
RL = 2 kΩ
90
107
FREQUENCY RESPONSE
UGB
Unity-gain
bandwidth
G = 1
IOUT = 0 µA, RL = 10 kΩ
450
kHz
IOUT = 0 µA, RL = 50 kΩ
0.85
MHz
IOUT = 100 µA, RL = 10 kΩ
0.75
GBW
Gain-bandwidth
product
1
MHz
SR
Slew rate
G = –1, 4-V step
1
V/µs
tS
Settling time
To 0.1%, VS = 5.5, G = 1, 1-V step
8
µs
tOR
Overload recovery
time
VIN x G = VS
15
µs
OUTPUT
VO
Voltage output
swing from rail
No load
3
mV
RL = 10 kΩ
10
RL = 2 kΩ
40
TA = –40°C to +125°C, both rails, RL = 10 kΩ(1)
10
ISC
Short-circuit current VS = 5.5 V
60
mA
ZO
Open-loop output
impedance
f = 1 MHz, IOUT = 100 µA
4
kΩ
POWER SUPPLY
IQ
Quiescent current
per amplifier
VCM = (V+) – 1.5 V
23.5
30
µA
TA = –40°C to +125°C(1)
32
(1)
Specification established from device population bench system measurements across multiple lots.
OPA396
SBOSA65 – JULY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com