Electronic Components Datasheet Search
  English  ▼

X  

OPA396 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA396
Description  OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA396 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA396 Datasheet HTML 5Page - Texas Instruments OPA396 Datasheet HTML 6Page - Texas Instruments OPA396 Datasheet HTML 7Page - Texas Instruments OPA396 Datasheet HTML 8Page - Texas Instruments OPA396 Datasheet HTML 9Page - Texas Instruments OPA396 Datasheet HTML 10Page - Texas Instruments OPA396 Datasheet HTML 11Page - Texas Instruments OPA396 Datasheet HTML 12Page - Texas Instruments OPA396 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5.0 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Negative Input Bias Current (fA)
0
4
8
12
16
20
24
28
32
36
-100
-75
-50
-25
0
25
50
75
100
C020
Figure 6-13. Negative Input Bias Current Distribution
Positive Input Bias Current (fA)
0
6
12
18
24
30
36
42
48
54
60
-100
-75
-50
-25
0
25
50
75
100
C021
Figure 6-14. Positive Input Bias Current Distribution
Temperature (qC)
-50
-25
0
25
50
75
100
125
0.01
0.1
1
10
C022
IB
IB
IOS
Figure 6-15. Input Bias Current vs Temperature
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
C045
40qC
25qC
85qC
125qC
Figure 6-16. Output Voltage Swing vs Output Current
(Maximum Supply)
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
C046
40qC
25qC
85qC
125qC
Figure 6-17. Output Voltage Swing vs Output Current
(Maximum Supply)
Frequency (Hz)
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
C031
PSRR
PSRR
Figure 6-18. PSRR vs Frequency
www.ti.com
OPA396
SBOSA65 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com