Electronic Components Datasheet Search
  English  ▼

X  

OPA396 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA396
Description  OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA396 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA396 Datasheet HTML 13Page - Texas Instruments OPA396 Datasheet HTML 14Page - Texas Instruments OPA396 Datasheet HTML 15Page - Texas Instruments OPA396 Datasheet HTML 16Page - Texas Instruments OPA396 Datasheet HTML 17Page - Texas Instruments OPA396 Datasheet HTML 18Page - Texas Instruments OPA396 Datasheet HTML 19Page - Texas Instruments OPA396 Datasheet HTML 20Page - Texas Instruments OPA396 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The OPA396 is a unity-gain stable, precision operational amplifier free from unexpected output and phase
reversal. The OPA396 is optimized for full rail-to-rail input, allowing for low-voltage, single-supply operation or
split-supply use. These miniature, high-precision, low-noise amplifiers offer high-impedance inputs that have a
common-mode range 100 mV beyond the supplies and can tolerate the full supply voltage across the input. The
OPA396 precision amplifier is designed for sensor amplification, low-power analog signal chain applications in
low or high gains, as well as a low-power discrete MOSFET or bipolar driver.
8.2 Typical Applications
8.2.1 Three-Terminal CO Gas Sensor
Figure 8-1 shows a simple micropower potentiostat circuit for use with three-terminal unbiased CO sensors.
This same design is applicable to many other type of three-terminal gas sensors or electrochemical cells.
The basic sensor has three electrodes: the sense or working electrode (WE), counter electrode (CE) and
reference electrode (RE). A current flows between CE and WE proportional to the detected concentration. The
RE monitors the potential of the internal reference point. For an unbiased sensor, the WE and RE must be
maintained at the same potential by adjusting the bias on CE. Through the potentiostat circuit formed by U1, the
servo feedback action maintains the RE pin at a potential set by VREF. R1 maintains stability as a result of the
large capacitance of the sensor. C1 and R2 form the potentiostat integrator and set the feedback time constant.
U2 forms a transimpedance amplifier (TIA) to convert the resulting sensor current into a proportional voltage.
The transimpedance gain, and resulting sensitivity, is set by RF according to Equation 1:
VTIA = (–I * RF) + VREF
(1)
RLoad is a load resistor with a value that is normally specified by the sensor manufacturer (typically, 10 Ω). The
potential at WE is set by the applied VREF.
V
REF
V
REF
U1
OPA396
U2
OPA396
V
OUT
+
+
R
LOAD
R
LOAD
R
F
R
F
R
1
R
1
R
LOAD
R
LOAD
R
2
R
2
WE
RE
CE
WE
RE
CE
Figure 8-1. Three-Terminal CO Gas Sensor
www.ti.com
OPA396
SBOSA65 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com