Electronic Components Datasheet Search
  English  ▼

X  

OPA396 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA396
Description  OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA396 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA396 Datasheet HTML 16Page - Texas Instruments OPA396 Datasheet HTML 17Page - Texas Instruments OPA396 Datasheet HTML 18Page - Texas Instruments OPA396 Datasheet HTML 19Page - Texas Instruments OPA396 Datasheet HTML 20Page - Texas Instruments OPA396 Datasheet HTML 21Page - Texas Instruments OPA396 Datasheet HTML 22Page - Texas Instruments OPA396 Datasheet HTML 23Page - Texas Instruments OPA396 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
8.2.2 4-mA to 20-mA Loop Design
Factory automation systems commonly use the 4-mA to 20-mA (4-20 mA) communication protocol to enable
process automation. In typical 2-wire, 4-mA to 20-mA loop applications, power to the remote transmitter is
limited to less than 4 mA total consumption. As a result of the power limitations, low power consumption is
essential. The OPA396 solves many design challenges in 4-mA to 20-mA loop applications, where low power,
high accuracy, and high bandwidth are required.
+
+
OPA396
+
OPA396
11.3 kŸ
11.3 kŸ
14.3 kŸ
14.3 kŸ
12 nF
12 nF
102.4 kŸ
102.4 kŸ
Ÿ
Ÿ
Ÿ
Ÿ
Ÿ
Ÿ
1.98 kŸ
1.98 kŸ
DAC
I
OUT+
I
OUT±
5 V
4.096 V
Figure 8-4. 4-20 mA Loop Interface Schematic
8.2.2.1 Design Requirements
Table 8-1. Design Parameters
PARAMETER
VALUE
Total current consumption
< 100 μA
DAC control voltage
0 V to 4.096 V
Output current
4 mA to 20 mA
8.2.2.2 Application Curve
Time (1 ms/div)
-4
0
-3
4
-2
8
-1
12
0
16
1
20
2
24
3
28
4
32
5
36
6
40
7
44
8
48
C050
VDAC
IOUT
Figure 8-5. 4-mA to 20-mA Loop Response
OPA396
SBOSA65 – JULY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com