Electronic Components Datasheet Search
  English  ▼

X  

OPA396 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA396
Description  OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA396 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA396 Datasheet HTML 14Page - Texas Instruments OPA396 Datasheet HTML 15Page - Texas Instruments OPA396 Datasheet HTML 16Page - Texas Instruments OPA396 Datasheet HTML 17Page - Texas Instruments OPA396 Datasheet HTML 18Page - Texas Instruments OPA396 Datasheet HTML 19Page - Texas Instruments OPA396 Datasheet HTML 20Page - Texas Instruments OPA396 Datasheet HTML 21Page - Texas Instruments OPA396 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
8.2.1.1 Design Requirements
For this example, an electrical model of a CO sensor is used to simulate the sensor performance, as shown in
Figure 8-2. The simulation is designed to model a CO sensor with a sensitivity of 69 nA/ppm. The supply voltage
and maximum analog-to-digital converter (ADC) input voltage is 2.5 V, and the maximum concentration is 300
ppm.
+
±
+
±
+
±
+
±
+
±
+
±
2.5 V
Ÿ
2.5 V
OPA396
OPA396
VREF
Ÿ
Ÿ
Ÿ
260 mF
130 mF
0 µA to 20 µA
110 kŸ
Ÿ
10 kŸ
10 kŸ
WE
RE
CE
CO Sensor
Model
VTIA
ISENS
VCE
VREF
Figure 8-2. CO Sensor Simulation Schematic
8.2.1.2 Detailed Design Procedure
First, determine the VREF voltage. This voltage is a compromise between maximum headroom and resolution, as
well as allowance for the minimum swing on the CE terminal because the CE terminal generally goes negative
in relation to the RE potential as the concentration (sensor current) increases. Bench measurements found the
difference between CE and RE to be 180 mV at 300 ppm for this particular sensor. To allow for negative CE
swing, footroom, and voltage drop across the 10-kΩ resistor, 300 mV is chosen for VREF.
VZERO = VREF = 300 mV
(2)
where
• VREF is the reference voltage (300 mV).
• VZERO is the concentration voltage (300 mV).
Next, calculate the maximum sensor current at highest expected concentration:
ISENSMAX = IPERPPM * ppmMAX = 69 nA * 300 ppm = 20.7 µA
(3)
where
• ISENSMAX is the maximum expected sensor current.
• IPERPPM is the manufacturer specified sensor current in amperes per ppm.
• ppmMAX is the maximum required ppm reading.
OPA396
SBOSA65 – JULY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA396



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com