Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 41Page - Toshiba Semiconductor TC9328AF Datasheet HTML 42Page - Toshiba Semiconductor TC9328AF Datasheet HTML 43Page - Toshiba Semiconductor TC9328AF Datasheet HTML 44Page - Toshiba Semiconductor TC9328AF Datasheet HTML 45Page - Toshiba Semiconductor TC9328AF Datasheet HTML 46Page - Toshiba Semiconductor TC9328AF Datasheet HTML 47Page - Toshiba Semiconductor TC9328AF Datasheet HTML 48Page - Toshiba Semiconductor TC9328AF Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
TC9328AF
2002-02-07
45
Note: The filter circuits illustrated in the above diagrams are for reference purposes only. It is necessary to
examine the system band configuration and characteristic and design actual circuits in accordance with
requirements.
31
33
Vreg
DO2/OT/N
R4
LPF
C2
R3
When filter constant is set up for
each band
32
DO1/P
FM/VHF
VCO
R2
C1
R1
AM
VCO
When LPF is used in common
(Set DO2 as high impedance and switch
the filter constant)
31
33
Vreg
DO2/OT/N
R3
LPF
C1
R2
32
DO1/P
R1
VCO
Example of an active low pass filter
circuit (for reference)
To the VCO
variable
capacitor
1 k
Ω
2.2 k
Ω
VCC
0.01
µF
1
µF 4.7 kΩ
32 DO1/P
DC-DC
converter
Example of external charge pump
circuit (when PN
==== “1” is set up)
31
33
Vreg
DO2/OT/N
32
DO1/P
To the VCO
variable
capacitor
DC-DC
converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com