Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC9328AF Datasheet HTML 1Page - Toshiba Semiconductor TC9328AF Datasheet HTML 2Page - Toshiba Semiconductor TC9328AF Datasheet HTML 3Page - Toshiba Semiconductor TC9328AF Datasheet HTML 4Page - Toshiba Semiconductor TC9328AF Datasheet HTML 5Page - Toshiba Semiconductor TC9328AF Datasheet HTML 6Page - Toshiba Semiconductor TC9328AF Datasheet HTML 7Page - Toshiba Semiconductor TC9328AF Datasheet HTML 8Page - Toshiba Semiconductor TC9328AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
TC9328AF
2002-02-07
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC9328AF
Portable Audio DTS Controller (DTS-21)
The TC9328AF is a single-chip DTS microcontroller for
portable audio incorporating 230 MHz prescaller, PLL, and LCD
driver. In addition to a 20-bit IF counter, 6-bit A/D converter,
serial interface, and buzzer function, the device supports an
interrupt function, 8-bit timer/counter, and 8-bit pulse counter.
The LCD driver features built-in 1/4 duty, 1/2 bias and a 3 V
voltage doubler boosting circuit, implementing stable LCD.
The power supply voltage ranges from 0.9 to 1.8 V. Because of
its low-current consumption (CPU: 80 µA (max)), the device is
suitable for use in digital tuning systems in portable equipment
such as headphone stereos.
Features
• CMOS DTS microcontroller LSI with built-in 230 MHz prescaller, PLL, and LCD driver
• Operating voltage: VDD = 0.9 to 1.8 V (typ.: 1.5 V)
• Current dissipation:
When CPU in operation: IDD = 40 µA (typ.)
When PLL in operation: IDD = 6 mA (typ.) (VHF mode)
• Operating temperature range: Ta = 10 to 60°C
• Program memory (ROM): 16-bit × 8192 steps
• Data memory (RAM): 4-bit × 512 words
• Instruction execution time: 40 µs
• Crystal oscillator frequency: 75 kHz
• Stack level: 8
• General-purpose IF counter: 20-bit (CMOS input supported)
• A/D converter: 6-bit × 4 channel
• LCD driver: 1/4 duty, 1/2 bias, 88 segments (max)
• I/O port: CMOS I/O ports: 12
N-channel open drain I/O ports: 24 (max)
Output-only port: 1
Input-only ports: 5 (max)
• Timer/counter: 8-bit (as timer clock: INTR1/INTR2, instruction cycle: 1 kHz selectable)
• Pulse counter: 8-bit up/down counter (input via INTR2 pin)
• Buzzer: Built-in four mode: 0.625 to 3 kHz (8 types), Continuous, Single-Shot,
10 Hz Intermittent, or 10 Hz Intermittent 1 Hz Interval
• Package: QFP-80 (0.5 mm pitch, 1.4 mm thick)
Weight: 0.45 g (typ.)


Similar Part No. - TC9328AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9328AF TOSHIBA-TC9328AF Datasheet
1,020Kb / 84P
Portable Audio DTS Controller (DTS-21)
13-Sep-2004
TC9328AF TOSHIBA-TC9328AF_04 Datasheet
1,020Kb / 84P
Portable Audio DTS Controller (DTS-21)
13-Sep-2004
More results

Similar Description - TC9328AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9307AF-010 TOSHIBA-TC9307AF-010 Datasheet
599Kb / 16P
SINGLECHIP DTS MICRO CONTROLLER
TC9308AF-022 TOSHIBA-TC9308AF-022 Datasheet
120Kb / 3P
DTS MICRO CONTROLLER
TC9308AF-028 TOSHIBA-TC9308AF-028 Datasheet
117Kb / 3P
DTS MICRO CONTROLLER
TC9316F-001 TOSHIBA-TC9316F-001 Datasheet
128Kb / 3P
DTS MICRO CONTROLLER
19-Mar-1999
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
Single Chip DTS Microcontroller (DTS-21)
27-Jul-2006
TC9327BFG TOSHIBA-TC9327BFG Datasheet
1Mb / 71P
DTS Microcontroller (DTS-21)
20-Apr-2005
TC9328AF TOSHIBA-TC9328AF_04 Datasheet
1,020Kb / 84P
Portable Audio DTS Controller (DTS-21)
13-Sep-2004
TC9329AFAG TOSHIBA-TC9329AFAG Datasheet
1Mb / 83P
Portable Audio DTS Controller (DTS-21)
02-Mar-2006
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
Single-Chip DTS Microcontroller (DTS-21)
24-Feb-2006
TC9329FA TOSHIBA-TC9329FA Datasheet
1Mb / 83P
Portable Audio DTS Controller (DTS-21)
24-Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com