Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 24Page - Toshiba Semiconductor TC9328AF Datasheet HTML 25Page - Toshiba Semiconductor TC9328AF Datasheet HTML 26Page - Toshiba Semiconductor TC9328AF Datasheet HTML 27Page - Toshiba Semiconductor TC9328AF Datasheet HTML 28Page - Toshiba Semiconductor TC9328AF Datasheet HTML 29Page - Toshiba Semiconductor TC9328AF Datasheet HTML 30Page - Toshiba Semiconductor TC9328AF Datasheet HTML 31Page - Toshiba Semiconductor TC9328AF Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
TC9328AF
2002-02-07
28
2.
Wait Mode
The wait mode suspends system operations, maintains the internal status immediately prior to
suspension and reduces current consumption. There are two types of wait mode available; the SOFT WAIT
mode and the HARD WAIT mode. It is suspended at the address of the WAIT instruction execution when
the WAIT mode is activated. The next address is executed immediately after the wait mode is cancelled
without entering a stand-by status.
(1)
SOFT WAIT mode
Only the CPU operations within the device are suspended when the WAIT instruction in which [P
=
0H] has been specified in the operand is executed. The crystal resonator and other elements will
continue to operate normally at this time. The SOFT WAIT mode is efficient in reducing current
consumption during clock operations used in programs that include clock functions.
Note: Current consumption will differ in accordance with execution time of CPU operation.
(2)
HARD WAIT mode
The operations of all elements, with the exception of the crystal resonator, can be suspended by the
execution of the WAIT instruction in which [P
= 1H] has been specified in the operand. This enables
even greater levels of current consumption reduction than the SOFT WAIT mode. It suspends the
CPU operation.
Note: The output port is maintained during the HARD WAIT mode. All LCD display output pin are fixed “L”
level and voltage doubler circuit (VDB), constant voltage circuit for LCD (VEE) and voltage doubler
circuit for LCD (VLCD) are operated.
(3)
Wait mode setting
The wait status is assumed whenever the WAIT instruction is executed.
Note: The PLL OFF status will be assumed during the wait mode.
(4)
Wait mode cancellation conditions
The wait mode is cancelled when the following conditions are fulfilled:
① When the input status of the HOLD pin changes.
② When the input status of the I/O port specified in the input port (P1-0~3) changes.
③ When the 2 Hz Timer F/F is set to “1” (only with the SOFT WAIT mode)
3.
HOLD Input Port
The HOLD pin can be used as an input port. This bit loads data input with IN1 instruction for which
[CN
= 7H] has been specified in the operand into the data memory. It is necessary to access this port prior
to the execution of the Back-up instruction when the clock stop mode or WAIT mode has been set. It is
necessary to note that there are cases when the clock stop mode will not be activated if the Back-up
instruction is executed without this port being accessed.
While HOLD PLL off control bit is set to “1”, if HOLD pin input “L” level, it will become PLL off-mode.
For this reason, a setup in PLL off-mode can be made quickly at the time of battery exchange.
The bit is accessed with the OUT3 instruction for which [CN
= 9H] has been specified in the operand. All of
the reference port is “1”, it also becomes PLL off mode. (
→ Refer to the reference frequency divider item)
0: Input “L” level
1: Input “H” level
Y1
Y2
Y4
Y8
φK17
HOLD
0: Do not control PLL OFF with a HOLD pin
1: PLL OFF mode with “L” level of HOLD pin
Y1
Y2
Y4
Y8
φL39
HOLD
PLL
OFF
control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com