Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 25Page - Toshiba Semiconductor TC9328AF Datasheet HTML 26Page - Toshiba Semiconductor TC9328AF Datasheet HTML 27Page - Toshiba Semiconductor TC9328AF Datasheet HTML 28Page - Toshiba Semiconductor TC9328AF Datasheet HTML 29Page - Toshiba Semiconductor TC9328AF Datasheet HTML 30Page - Toshiba Semiconductor TC9328AF Datasheet HTML 31Page - Toshiba Semiconductor TC9328AF Datasheet HTML 32Page - Toshiba Semiconductor TC9328AF Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
TC9328AF
2002-02-07
29
○
Interrupt Function
The peripheral hardware which can use Interrupt function has INTR1 pin, INTR2 pin, Timer counter,
and Serial interface.
The peripheral hardware fulfill conditions, Interrupt demand signal from peripheral hardware is all
input, and Interrupt demand is transmitted. When it is received, it branches out vector address determined
by each Interrupt factor. Each Interrupt processing routine is started. The pretreatment for returning to
the same state as the time of Interrupt, before and after usually carrying out Interrupt processing, and
post-processing are required of Interrupt routine. It is necessary to perform shunting and a return for the
register data memory used by ALU to the data memory for interchange. When ending Interrupt processing,
a program is returned by the return command for Interrupt.
1.
Interrupt Control Circuit
Interrupt control circuit consists of an Interrupt enable flag, an Interrupt latch, and an Interrupt priority
circuit block. This control performs setup and control by OUT2/IN2 instructions.
(1)
Interrupt enable flag
Interrupt enable flag has an individual permission flag corresponding to a master permission flag
and each Interrupt factor. An individual enable flag sets up prohibition/permission of Interrupt
corresponding to each Interrupt factor. A master enable flag is a flag for which performs
prohibition/permission of all Interrupts. If these enable register is set to “1”, it becomes permission
and is set to “0”, it becomes prohibition. An individual enable flag is accessed with OUT2/IN2
instructions for which [CN
= 8H] has been specified to the operand. A master enable flag can perform
permission/prohibition by execution of an EI/DI instruction. A master enable flag is a flag which
performs prohibition/permission of all Interrupts. If these enable register is set to “1”, it becomes
enable and is set to “0”, it becomes prohibition.
In case of forbidding Interrupt in a program, it executes DI instruction, and in case of enabling, it
executes EI instruction. At this time, Interrupt is enabled during the EI instruction execution in a
program, and the DI instruction execution.
If master enable flag is received the Interrupt request, it is reset by “0” and all Interrupts will be in
a prohibition state. By executing of Interrupt return instruction, it is set to “1”. A master enable flag
is read into data memory by IN2 instruction for which [CN
= 7H] has been specified.
Y1
Y2
Y4
Y8
φLK28
EF1
EF2
EF3
EF4
EF1 • • • INTR1 pin
EF2 • • • INTR2 pin
EF3 • • • Serial interface
EF4 • • • 8-bit timer counter
An individual enable flag
“0” • • • Prohibition
“1” • • • Enable
It’s reset to “0” when it is able to receive interrupt or DI instruction execution.
It’s set to “1” by Interrupt return instruction or EI instruction execution.
Y1
Y2
Y4
Y8
φK27
IMF
0
0
0
Master enable flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com