Electronic Components Datasheet Search
  English  ▼

X  

TC9328AF Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # TC9328AF
Description  Portable Audio DTS Controller (DTS-21)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9328AF Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button TC9328AF Datasheet HTML 16Page - Toshiba Semiconductor TC9328AF Datasheet HTML 17Page - Toshiba Semiconductor TC9328AF Datasheet HTML 18Page - Toshiba Semiconductor TC9328AF Datasheet HTML 19Page - Toshiba Semiconductor TC9328AF Datasheet HTML 20Page - Toshiba Semiconductor TC9328AF Datasheet HTML 21Page - Toshiba Semiconductor TC9328AF Datasheet HTML 22Page - Toshiba Semiconductor TC9328AF Datasheet HTML 23Page - Toshiba Semiconductor TC9328AF Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
TC9328AF
2002-02-07
20
Machine Language (16 bits)
Instruc
-tion
Group
Mnemonic
Skip
Function
Function Description
Operation Description
IC
(6 bits)
A
(2 bits)
B
(4 bits)
C
(4 bits)
TMTR
r, M
*
Test general register
bits by memory bits,
then skip if all bits
specified are true
Skip if r [N (M)]
= all “1”
010000
DR
DC
RN
TMFR
r, M
*
Test general register
bits by memory bits,
then skip if all bits
specified are false
Skip if r [N (M)]
= all “0”
010001
DR
DC
RN
TMT
M, N
*
Test memory bits,
then skip if all bits
specified are true
Skip if M (N)
= all “1”
110101
DR
DC
N
TMF
M, N
*
Test memory bits,
then skip if all bits
specified are false
Skip if M (N)
= all “0”
110111
DR
DC
N
TMTN
M, N
*
Test memory bits,
then not skip if all bits
specified are true
Skip if M (N)
= not all “1”
110100
DR
DC
N
TMFN
M, N
*
Test memory bits,
then not skip if all bits
specified are false
Skip if M (N)
= not all “0”
110110
DR
DC
N
SKP
*
Skip if carry flag is
true
Skip if (CY)
= 1
111111
00
0011
SKPN
*
Skip if carry flag is
false
Skip if (CY)
= 0
111111
01
0011
CAL
ADDR2
Call subroutine
STACK
← (PC) + 1 and
PC
← ADDR2
1011
ADDR2 (12 bits)
RN
Return to main
routine
PC
← (STACK)
111111
10
0011
RNS
Return to main
routine and skip
unconditionally
PC
← (STACK) and skip
111111
11
0011
JUMP
ADDR1
Jump to address
specified
PC
← ADDR1
10
ADDR1 (14 bits)
DI
Reset IMF
(Note) IMF
← 0
111111
00
0111
EI
Set IMF
(Note) IMF
← 1
111111
01
0111
RNI
Return to main
routine and set IMF
(Note)
PC
← (STACK)
IMF
← 1
111111
11
0111
Note: IMF bits is an interruption master permission flag and is arranged on I/O map.
(
→ Refer to the interruption function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com