Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 261 Page - ATMEL Corporation

Part # AT90USB646
Description  Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 261 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 257Page - ATMEL Corporation AT90USB646 Datasheet HTML 258Page - ATMEL Corporation AT90USB646 Datasheet HTML 259Page - ATMEL Corporation AT90USB646 Datasheet HTML 260Page - ATMEL Corporation AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation AT90USB646 Datasheet HTML 264Page - ATMEL Corporation AT90USB646 Datasheet HTML 265Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 434 page
background image
261
7593A–AVR–02/06
AT90USB64/128
• VALUE=01bTime-out is set to 23 ms
• VALUE=10bTime-out is set to 31 ms
• VALUE=11bTime-out is set to 40 ms
• PAGE=10b: PdTmOutCnt. [OTG] chapter 5.3.2
• VALUE=00bTime-out is set to 93 ms
• VALUE=01bTime-out is set to 105 ms
• VALUE=10bTime-out is set to 118 ms
• VALUE=11bTime-out is set to 131 ms
• PAGE=11b: SRPDetTmOut. [OTG] chapter 5.3.3
• VALUE=00bTime-out is set to 10 us
• VALUE=01bTime-out is set to 100 us
• VALUE=10bTime-out is set to 1 ms
• VALUE=11bTime-out is set to 11 ms
21.11 Plug-in detection
The USB connection is detected by the VBUS pad, thanks to the following architecture:
Figure 21-16. Plug-in Detection Input Block Diagram
The control logic of the UVBUS pad outputs 2 signals:
• The “session_valid” signal is active high when the voltage on the UVBUS pad is higher or
equal to 1.4V.
• The “Va_Vbus_valid” signal is active high when the voltage on the UVBUS pad is higher or
equal to 4.4V.
In the Host mode, the VBUS flag follows the next hysteresis rule:
• VBUS is set when the voltage on the UVBUS pad is higher or equal to 4.4 V.
• VBUS is cleared when the voltage on the UVBUS pad is lower than 1.4 V.
In the Peripheral mode, the VBUS flag follows the next rule:
• VBUS is set when the voltage on the UVBUS pad is higher or equal to 1.4 V.
• VBUS is cleared when the voltage on the UVBUS pad is lower than 1.4 V.
The VBUSTI interrupt is triggered at each transition of the VBUS flag.
VBUSTI
USBINT.0
UVBUS
VBUS
USBSTA.0
VSS
VDD
Pad logic
Logic
Session_valid
Va_Vbus_valid
VBus_pulsing
VBus_discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com