Electronic Components Datasheet Search
  English  ▼

X  

ASL2500SHN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ASL2500SHN
Description  Two phase boost converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL2500SHN Datasheet(HTML) 2 Page - NXP Semiconductors

  ASL2500SHN Datasheet HTML 1Page - NXP Semiconductors ASL2500SHN Datasheet HTML 2Page - NXP Semiconductors ASL2500SHN Datasheet HTML 3Page - NXP Semiconductors ASL2500SHN Datasheet HTML 4Page - NXP Semiconductors ASL2500SHN Datasheet HTML 5Page - NXP Semiconductors ASL2500SHN Datasheet HTML 6Page - NXP Semiconductors ASL2500SHN Datasheet HTML 7Page - NXP Semiconductors ASL2500SHN Datasheet HTML 8Page - NXP Semiconductors ASL2500SHN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
ASL2500SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 3 — 26 October 2017
2 of 39
NXP Semiconductors
ASL2500SHN
Two phase boost converter
3.
Features and benefits
The ASL2500SHN is an automotive grade product that is AEC-Q100 grade 1 qualified.
Operating ambient temperature range of
40 C to +125 C
Wide operating input voltage range from +5.5 V to +40 V
Output voltage programmable via SPI interface
Multi-phase operation for higher power
Up to two phases per output
Up to two flexible output voltages with 3 % accuracy programmable via SPI
Both output voltages can be controlled independently
Fixed Frequency Operation via built-in oscillator
Slope compensation to track the frequency and output voltage
Programmable control loop compensation
Fast high efficiency FET switching
Programmable internal gate driver voltage regulator
Gate switching is halted when overvoltage on output is detected
Support both Logic Level and Standard Level FETs
Low Electro Magnetic Emission (EME) and high Electro Magnetic Immunity (EMI)
Output voltage monitoring
Supply voltage measurement
Control signal to enable the device
Read-back programmed voltage and frequency range via SPI
Junction temperature monitoring via SPI
Small package outline HVQFN32
Low quiescent current <5
A at 25 C when EN = 0
4.
Applications
Automotive LED lighting
Daytime running lights
Position or park light
Low beam
High beam
Turn indicator
Fog light
Cornering light
5.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
ASL2500SHN
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads; 32 terminals;
body 5
 5  0.85 mm
SOT617-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com