Electronic Components Datasheet Search
  English  ▼

X  

ASL2500SHN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ASL2500SHN
Description  Two phase boost converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL2500SHN Datasheet(HTML) 4 Page - NXP Semiconductors

  ASL2500SHN Datasheet HTML 1Page - NXP Semiconductors ASL2500SHN Datasheet HTML 2Page - NXP Semiconductors ASL2500SHN Datasheet HTML 3Page - NXP Semiconductors ASL2500SHN Datasheet HTML 4Page - NXP Semiconductors ASL2500SHN Datasheet HTML 5Page - NXP Semiconductors ASL2500SHN Datasheet HTML 6Page - NXP Semiconductors ASL2500SHN Datasheet HTML 7Page - NXP Semiconductors ASL2500SHN Datasheet HTML 8Page - NXP Semiconductors ASL2500SHN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
ASL2500SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 3 — 26 October 2017
4 of 39
NXP Semiconductors
ASL2500SHN
Two phase boost converter
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration
Transparent top view
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
terminal 1
index area
SNL1
SNH1
GND
G1
VGG
G2
GND
SNH2
i.c.
n.c.
n.c.
n.c.
n.c.
n.c.
i.c.
n.c.
ASL2500SHN
GND
aaa-018172
Table 2.
Pin description[1]
Symbol
Pin
Description
SNL1
1
phase 1 sense low
SNH1
2
phase 1 sense high
GND
3
ground
G1
4
phase 1 gate driver
VGG
5
gate driver supply
G2
6
not connected
GND
7
ground
SNH2
8
phase 2 sense high
SNL2
9
phase 2 sense low
n.c.
10
not connected
FB1[2]
11
feedback, output 1
n.c.
12
not connected
VBAT
13
battery supply
n.c.
14
not connected
FB2[2]
15
feedback, output 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com