Electronic Components Datasheet Search
  English  ▼

X  

ASL2500SHN Datasheet(PDF) 32 Page - NXP Semiconductors

Part # ASL2500SHN
Description  Two phase boost converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL2500SHN Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button ASL2500SHN Datasheet HTML 28Page - NXP Semiconductors ASL2500SHN Datasheet HTML 29Page - NXP Semiconductors ASL2500SHN Datasheet HTML 30Page - NXP Semiconductors ASL2500SHN Datasheet HTML 31Page - NXP Semiconductors ASL2500SHN Datasheet HTML 32Page - NXP Semiconductors ASL2500SHN Datasheet HTML 33Page - NXP Semiconductors ASL2500SHN Datasheet HTML 34Page - NXP Semiconductors ASL2500SHN Datasheet HTML 35Page - NXP Semiconductors ASL2500SHN Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
ASL2500SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 3 — 26 October 2017
32 of 39
NXP Semiconductors
ASL2500SHN
Two phase boost converter
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Factory testing uses correlated test conditions to
cover the specified temperature and power supply voltage range.
tWH(S)
chip select pulse width HIGH
250
-
ns
Gate driver characteristics for pin G1 and pin G2
tch(G)
gate charge time
20 % to 80 %; VVGG= 7.5 V;
Cgate = 2000 pF
-
-
30
ns
tdch(G)
gate discharge time
80 % to 20 %; VVGG= 7.5 V;
Cgate = 2000 pF
-
-
14
ns
Regulated voltage
terr(startup)
start-up error time
of VGG; fosc = 180 MHz
-
2.5
-
ms
terr
error detection time
for VGG during operation;
fosc = 180 MHz
-
31.5
-
s
tfltr(ov)
output voltage filter time
for bit Vout1_ok and Vout2_ok;
fosc = 180 MHz
-
31.5
-
s
Table 44.
Dynamic characteristics …continued
Min and Max values are specified for the following conditions: VBAT = 5.5 V to 40 V, VEN = 4.5 V to 5.5 V, VVCC = 4.5 V to 5.5
V and Tj = 40 °C to +175 °C[1]. All voltages are defined with respect to ground, positive currents flow into the IC. Typical
values are given at VVIN = 40 V. VEN = 5 V, VVCC = 5 V and Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 13. SPI timing diagram
aaa-017537
CSB
SCLK
SDI
SDO
FLOATING
FLOATING
b0
LSB
b0
LSB
b15
MSB
b15
MSB
tWH(S)
tSPILAG
tSPILEAD
tclk(H)
tclk(L)
tSU(D)
th(D)
tv(Q)
tclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com