Electronic Components Datasheet Search
  English  ▼

X  

MAX4366 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4366
Description  330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4366 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4366 Datasheet HTML 5Page - Maxim Integrated Products MAX4366 Datasheet HTML 6Page - Maxim Integrated Products MAX4366 Datasheet HTML 7Page - Maxim Integrated Products MAX4366 Datasheet HTML 8Page - Maxim Integrated Products MAX4366 Datasheet HTML 9Page - Maxim Integrated Products MAX4366 Datasheet HTML 10Page - Maxim Integrated Products MAX4366 Datasheet HTML 11Page - Maxim Integrated Products MAX4366 Datasheet HTML 12Page - Maxim Integrated Products MAX4366 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
330mW, Ultra-Small, Audio Power Amplifiers
with Shutdown
_______________________________________________________________________________________
9
Pin Description
PIN/BUMP
TDFN
UCSP
NAME
FUNCTION
1
C3
SHDN
Active-High Shutdown. Connect SHDN to GND for normal operation.
2
C1
BIAS
DC Bias Bypass. See BIAS Capacitor section for capacitor selection. Connect CBIAS
capacitor from BIAS to GND.
3
A3
IN+
Noninverting Input
4
A1
IN-
Inverting Input
5
A2
OUT+
Bridged Amplifier Positive Output
6B3
VCC
Power Supply
7
B1
GND
Ground
8
C2
OUT-
Bridged Amplifier Negative Output
EP
—
EP
Exposed Paddle. Connect exposed pad to GND.
Detailed Description
The MAX4366/MAX4367/MAX4368 bridged audio
power amplifiers can deliver 330mW into a 32
Ω load, or
200mW into a 16
Ω load, while operating from a single
5V supply. These devices consist of two high-output-
current op amps configured as a bridge-tied load (BTL)
amplifier (see
Functional Diagram). The closed-loop
gain of the input op amp sets the single-ended gain of
the device. Two external resistors set the gain of the
MAX4366 (see
Gain-Setting Resistors section). The
MAX4367/MAX4368 feature internally fixed gains of
2V/V and 3V/V, respectively. The output of the first
amplifier serves as the input to the second amplifier,
which is configured as an inverting unity-gain follower
in all three devices. This results in two outputs, identical
in magnitude, but 180° out of phase.
BIAS
The MAX4366/MAX4367/MAX4368 feature an internally
generated common-mode bias voltage of VCC/2 refer-
enced to GND. BIAS provides both click-and-pop sup-
pression and the DC bias level for the audio signal.
BIAS is internally connected to the noninverting input of
one amplifier, and should be connected to the nonin-
verting input of the other amplifier for proper signal
biasing (
Typical Application Circuit). Choose the value
of the bypass capacitor as described in the
BIAS
Capacitor section.
Shutdown
The MAX4366/MAX4367/MAX4368 feature a 35µA, low-
power shutdown mode that reduces quiescent current
consumption and extends battery life. Pulling SHDN
high disables the device’s bias circuitry and drives
OUT+, OUT-, and BIAS to GND. Connect SHDN to
GND for normal operation.
Applications Information
Bridge-Tied Load
The MAX4366/MAX4367/MAX4368 are designed to
drive a load differentially, a configuration referred to as
bridge-tied load (BTL). The BTL configuration (Figure 1)
offers advantages over the single-ended configuration,
where one side of the load is connected to ground.
Driving the load differentially doubles the output volt-
age compared to a single-ended amplifier under similar
conditions. The differential gain of the device is twice
the closed-loop gain of the input amplifier. The effective
gain of the MAX4366 is given by:
A
R
R
VD
F
IN
=×
2
+1
R
L
OUT+
2 x OUT
OUT-
-1
Figure 1. Bridge-Tied Load Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com