Electronic Components Datasheet Search
  English  ▼

X  

MAX4366 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4366
Description  330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4366 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4366 Datasheet HTML 6Page - Maxim Integrated Products MAX4366 Datasheet HTML 7Page - Maxim Integrated Products MAX4366 Datasheet HTML 8Page - Maxim Integrated Products MAX4366 Datasheet HTML 9Page - Maxim Integrated Products MAX4366 Datasheet HTML 10Page - Maxim Integrated Products MAX4366 Datasheet HTML 11Page - Maxim Integrated Products MAX4366 Datasheet HTML 12Page - Maxim Integrated Products MAX4366 Datasheet HTML 13Page - Maxim Integrated Products MAX4366 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
The effective gains of the MAX4367 and MAX4368 are
AVD = 2V/V and AVD = 3V/V respectively. Substituting 2
x VOUT(P-P) for VOUT(P-P) into the following equations
yields four times the output power due to doubling of
the output voltage.
Since the differential outputs are biased at midsupply,
there is no net DC voltage across the load. This elimi-
nates the need for DC-blocking capacitors required for
single-ended amplifiers. These capacitors can be
large, expensive, consume board space, and degrade
low-frequency performance.
Single-Ended Configuration
The MAX4366/MAX4367/MAX4368 can be used as sin-
gle-ended amplifiers (Figure 2). The gain of the device
in single-ended mode is 1/2 the gain in BTL configura-
tion and the output power is reduced by a factor of 4.
The single-ended gains of the MAX4367 and MAX4368
are 1V/V and 1.5V/V, respectively. Set the MAX4366
gain according to the
Gain-Setting Resistors section.
In single-ended mode, the load must be capacitively
coupled to the device output to block the half-supply
DC voltage from the load (see
Output Coupling
Capacitor section). Leave the unused output floating.
Power Dissipation
Under normal operating conditions, linear power ampli-
fiers like the MAX4366/MAX4367/MAX4368 can dissi-
pate a significant amount of power. The maximum
power dissipation for each package is given in the
Absolute Maximum Ratings section under Continuous
Power Dissipation or can be calculated by the following
equation:
where TJ(MAX) is +150°C and TA is the reciprocal of the
derating factor in °C/W as specified in the
Absolute
P
TT
DISS MAX
J MAX
A
JA
()
()
=
-
Θ
V
V
P
V
R
RMS
OUT P P
OUT
RMS
L
=
=
−
()
22
2
330mW, Ultra-Small, Audio Power Amplifiers
with Shutdown
10
______________________________________________________________________________________
OUT+
OUT-
8
5
C
OUT
R
L
MAX4367
Figure 2. MAX4367 Single-Ended Configuration
VCC
VCC
CIN
RIN
RF
CBIAS
6
OUT-
IN+
BIAS
AUDIO INPUT
3
2
CLICKLESS/
POPLESS
SHUTDOWN
CONTROL
GND
SHDN
8
OUT+ 5
7
1
MAX4366
50k
Ω
50k
Ω
10k
Ω
10k
Ω
IN-
4
Figure 3. MAX4366 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com