Electronic Components Datasheet Search
  English  ▼

X  

MAX4366 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX4366
Description  330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4366 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX4366 Datasheet HTML 8Page - Maxim Integrated Products MAX4366 Datasheet HTML 9Page - Maxim Integrated Products MAX4366 Datasheet HTML 10Page - Maxim Integrated Products MAX4366 Datasheet HTML 11Page - Maxim Integrated Products MAX4366 Datasheet HTML 12Page - Maxim Integrated Products MAX4366 Datasheet HTML 13Page - Maxim Integrated Products MAX4366 Datasheet HTML 14Page - Maxim Integrated Products MAX4366 Datasheet HTML 15Page - Maxim Integrated Products MAX4366 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
VCC
OUT-
IN+
BIAS
CLICKLESS/
POPLESS
SHUTDOWN
CONTROL
GND
SHDN
OUT+
MAX4366
50k
Ω
50k
Ω
10k
Ω
10k
Ω
IN-
VCC
OUT-
IN+
BIAS
CLICKLESS/
POPLESS
SHUTDOWN
CONTROL
GND
SHDN
OUT+
MAX4367
MAX4368
50k
Ω
50k
Ω
10k
Ω
10k
Ω
IN-
*RF = 30k
Ω(MAX4368)
RF = 20k
Ω(MAX4367)
RF*
20k
Ω
Chip Information
TRANSISTOR COUNT: 669
PROCESS: BiPOLAR
330mW, Ultra-Small, Audio Power Amplifiers
with Shutdown
______________________________________________________________________________________
15
Functional Diagrams
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
8 TDFN
T833-2
21-0137
8 UCSP
B9-2
21-0093



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com