Electronic Components Datasheet Search
  English  ▼

X  

MAX4366 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4366
Description  330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4366 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4366 Datasheet HTML 8Page - Maxim Integrated Products MAX4366 Datasheet HTML 9Page - Maxim Integrated Products MAX4366 Datasheet HTML 10Page - Maxim Integrated Products MAX4366 Datasheet HTML 11Page - Maxim Integrated Products MAX4366 Datasheet HTML 12Page - Maxim Integrated Products MAX4366 Datasheet HTML 13Page - Maxim Integrated Products MAX4366 Datasheet HTML 14Page - Maxim Integrated Products MAX4366 Datasheet HTML 15Page - Maxim Integrated Products MAX4366 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Choose RIN according to the Gain-Setting Resistors
section. Choose the CIN such that f-3dB is well below
the lowest frequency of interest. Setting f-3dB too high
affects the low-frequency response of the system.
Other considerations when designing the input filter
include the constraints of the overall system, the actual
frequency band of interest and click-and-pop suppres-
sion. Although high-fidelity audio calls for a flat-gain
response between 20Hz and 20kHz, portable voice-
reproduction devices such as cellular phones and two-
way radios need only concentrate on the frequency
range of the spoken human voice (typically 300Hz to
3.5kHz). In addition, speakers used in portable devices
typically have a poor response below 150Hz. Taking
these two factors into consideration, the input filter may
not need to be designed for a 20Hz to 20kHz response,
saving both board space and cost due to the use of
smaller capacitors.
BIAS Capacitor
The BIAS bypass capacitor, CBIAS improves power-
supply rejection ratio and THD+N by reducing power-
supply noise at the common-mode bias node, and
serves as the primary click-and-pop suppression
mechanism. CBIAS is fed from an internal 25kΩ source,
and controls the rate at which the common-mode bias
voltage rises at startup and falls during shutdown. For
optimum click-and-pop suppression, ensure that the
input capacitor (CIN) is fully charged (ten time con-
stants) before CBIAS. The value of CBIAS for best click-
and-pop suppression is given by:
In addition, a larger CBIAS value yields higher PSRR,
especially in single-ended applications.
Output-Coupling Capacitor
The MAX4366/MAX4367/MAX4368 require output-cou-
pling capacitors only when configured as a single-
ended amplifier. The output capacitor blocks the DC
component of the amplifier output, preventing DC cur-
rent flowing to the load. The output capacitor and the
load impedance form a highpass filter with the -3dB
point determined by:
As with the input capacitor, choose the output capacitor
(COUT) such that f-3dB is well below the lowest frequen-
cy of interest. Setting f-3dB too high affects the low-
frequency response of the system.
In addition to click-and-pop suppression and frequency
band considerations, the load impedance is another
concern when choosing COUT. Load impedance can
vary, changing the -3dB point of the output filter. A
lower impedance increases the corner frequency,
degrading low-frequency response. Select COUT such
that the worst-case load/COUT combination yields an
adequate response.
Clickless/Popless Operation
Proper selection of AC-coupling capacitors and CBIAS
achieves clickless/popless shutdown and startup. The
value of CBIAS determines the rate at which the mid-rail
bias voltage rises on startup and falls when entering
shutdown. The size of the input capacitor also affects
clickless/popless operation. On startup, CIN is charged
to its quiescent DC voltage through the feedback resis-
tor (RF) from the output. This current creates a voltage
transient at the amplifier’s output, which can result in an
audible pop. Minimizing the size of CIN reduces this
effect, improving click-and-pop suppression.
Supply Bypassing
Proper supply bypassing ensures low-noise, low-distor-
tion performance. Place a 0.1µF ceramic capacitor in par-
allel with a 10µF capacitor from VCC to GND. Locate the
bypass capacitors as close to the device as possible.
Headphone Applications
The MAX4366/MAX4368 can drive a mono headphone
when configured as a single-ended amplifier. Typical 2-
wire headphone plugs consist of a tip and sleeve. The tip
is the signal carrier while the sleeve is the ground con-
nection (Figure 5). Figure 6 shows the device configured
to drive headphones. OUT+ is connected to the tip,
delivering the signal to the headphone, while OUT-
remains unconnected.
f
RC
dB
L OUT
-3
1
2
=
π
C
CR
k
BIAS
IN IN
≤
Ω
⎡
⎣⎢
⎤
⎦⎥
10
25
330mW, Ultra-Small, Audio Power Amplifiers
with Shutdown
12
______________________________________________________________________________________
Figure 5. Typical 2-Wire Headphone Plug
TIP
(SIGNAL)
SLEEVE
(GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com